Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD30VL1BLS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD30VL1BLS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD30VL1BLS-Q
Download  PESD30VL1BLS-Q Download
File Size   216.27 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD30VL1BLS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD30VL1BLS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD30VL1BLS-Q
Download  PESD30VL1BLS-Q Click to download

File Size   216.27 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low clamping bidirectional ESD protection diode

PESD30VL1BLS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD30VL1BLS-Q Product details

1. General description
ESD protection device in a leadless ultra small DFN1006BD-2 (SOD882BD) Surface-Mounted
Device (SMD) plastic package with side-wettable flanks, designed to protect one single line from
the damage caused by ElectroStatic Discharge (ESD) and other transients.

2. Features and benefits
• Reverse stand-off voltage: VRWM = 30 V
• Low clamping voltage: typical VCL = 34 V at Ipp = 1 A
• ESD protection up to 30 kV (IEC 61000-4-2)
• ESD protection up to 30 kV (ISO 10605; C = 330 pF, R = 330 Ω)
• Low typical capacitance: Cd = 10 pF
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Automotive low speed data lines
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Portable electronics




Similar Part No. - PESD30VL1BLS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD30VF1BBL NEXPERIA-PESD30VF1BBL Datasheet
209Kb / 11P
Bidirectional ESD protection diode
25 July 2023
PESD30VF1BBL-Q NEXPERIA-PESD30VF1BBL-Q Datasheet
213Kb / 11P
Bidirectional ESD protection diode
11 August 2023
PESD30VF1BL NEXPERIA-PESD30VF1BL Datasheet
208Kb / 10P
Bidirectional ESD protection diode
8 April 2019
PESD30VF1BL NEXPERIA-PESD30VF1BL Datasheet
196Kb / 10P
Bidirectional ESD protection diode
11 December 2018
PESD30VF1BLS-Q NEXPERIA-PESD30VF1BLS-Q Datasheet
213Kb / 11P
Ultra-low capacitance bidirectional ESD protection diode
2 March 2023
More results


Similar Description - PESD30VL1BLS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V5C1BL-Q NEXPERIA-PESD5V5C1BL-Q Datasheet
214Kb / 11P
Extremely low clamping bidirectional ESD protection diode
6 April 2023
PESD5V0C1BLS-Q NEXPERIA-PESD5V0C1BLS-Q Datasheet
219Kb / 11P
Extremely low clamping bidirectional ESD protection diode
4 April 2022
PESD1V2Y1BSF NEXPERIA-PESD1V2Y1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V5X1BSF NEXPERIA-PESD2V5X1BSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD2V8Y1BSF NEXPERIA-PESD2V8Y1BSF Datasheet
158Kb / 8P
Extremely low clamping bidirectional ESD protection diode
24 January 2022
PESD3V3F1BSF NEXPERIA-PESD3V3F1BSF Datasheet
152Kb / 7P
Extremely low clamping bidirectional ESD protection diode
12 March 2021
PESD4V0Y1BBSF NEXPERIA-PESD4V0Y1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
23 August 2022
PESD4V0Y1BCSF NEXPERIA-PESD4V0Y1BCSF Datasheet
153Kb / 7P
Extremely low clamping bidirectional ESD protection diode
17 January 2023
PESD5V0R1BCSF NEXPERIA-PESD5V0R1BCSF Datasheet
154Kb / 8P
Extremely low clamping bidirectional ESD protection diode
11 October 2021
PESD20VY1BBSF NEXPERIA-PESD20VY1BBSF Datasheet
156Kb / 7P
Extremely low clamping bidirectional ESD protection diode
6 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com