Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSIP-WL3D Datasheet (PDF) - Amkor Technology

WLSIP-WL3D Datasheet PDF - Amkor Technology
Part # WLSIP-WL3D
Download  WLSIP-WL3D Download
File Size   863.55 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Embedded Wafer Level System Integration

WLSIP-WL3D Datasheet (PDF)

Go To PDF Page Download Datasheet
WLSIP-WL3D Datasheet PDF - Amkor Technology

Part # WLSIP-WL3D
Download  WLSIP-WL3D Click to download

File Size   863.55 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Embedded Wafer Level System Integration

WLSIP-WL3D Datasheet (HTML) - Amkor Technology


WLSIP-WL3D Product details

APPLICATIONS
Mobile and consumer products, baseband, RF/wireless, analog, power management
ASIC, MEMS, sensors, system solutions for medical, security, encryption, DC/DC converter, radar and automotive
Electro-optical WLSiP, solutions for M2M communication and Internet of Things (IoT)
Extension of the technology platform to a wider field of application areas is ongoing

Design Features
Package size: 2 x 3 mm2 - 33 x 28 mm2
Package thickness: 0.275 mm (WLSiP – Multi-chip module) to 1.900 mm (WL3D)
WLSiP with up to 10 active dies and 50 passives qualified
Minimum through package via pitch: 0.350 mm
BGA pitch: down to 0.350 μm
Minimum die-to-die distance: 0.100 mm
Minimum passive-to-die and passive-to-passive distance: 0.150 mm
Minimum die TPV pad pitch: 0.050 mm and opening 0.045 mm
Bottom side Cu-RDL minimum line/space: 0.010 mm/0.010 mm, multi-layer RDL
Top side Cu-RDL minimum line/space: 0.020 mm/0.020 mm, single-layer RDL




Similar Part No. - WLSIP-WL3D

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
WLS KGS-WLS Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-03-0 KGS-WLS-03-0 Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-04-0 KGS-WLS-04-0 Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-06-0 KGS-WLS-06-0 Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-08-0 KGS-WLS-08-0 Datasheet
210Kb / 1P
PCB spacer for space saving
More results


Similar Description - WLSIP-WL3D

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
Amkor Technology
CSPNL AMKOR-CSPNL Datasheet
157Kb / 2P
Wafer Level Packaging
logo
Intel Corporation
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
STMicroelectronics
AN4324 STMICROELECTRONICS-AN4324 Datasheet
858Kb / 31P
STC3115 system integration
12-Nov-2014
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com