Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EC Datasheet (PDF) - Intel Corporation

80C186EC Datasheet PDF - Intel Corporation
Part # 80C186EC
Download  80C186EC Download
File Size   790.72 Kbytes
Page   57 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

80C186EC Datasheet (PDF)

Go To PDF Page Download Datasheet
80C186EC Datasheet PDF - Intel Corporation

Part # 80C186EC
Download  80C186EC Click to download

File Size   790.72 Kbytes
Page   57 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

80C186EC Datasheet (HTML) - Intel Corporation


80C186EC Product details

INTRODUCTION
Unless specifically noted, all references to the 80C186EC apply to the 80C188EC, 80L186EC, and 80L188EC. References to pins that differ between the 80C186EC/80L186EC and the 80C188EC/80L188EC are given in parentheses. The ‘‘L’’ in the part number denotes low voltage operation. Physically and functionally, the ‘‘C’’ and ‘‘L’’ devices are identical.

■ Fully Static Operation
■ True CMOS Inputs and Outputs
■ Integrated Feature Set:
   — Low-Power, Static, Enhanced 8086 CPU Core
   — Two Independent DMA Supported UARTs, each with an Integral Baud Rate Generator
   — Four Independent DMA Channels
   — 22 Multiplexed I/O Port Pins
   — Two 8259A Compatible Programmable Interrupt Controllers
   — Three Programmable 16-Bit Timer/Counters
   — 32-Bit Watchdog Timer
   — Ten Programmable Chip Selects with Integral Wait-State Generator
   — Memory Refresh Control Unit
   — Power Management Unit
   — On-Chip Oscillator
   — System Level Testing Support (ONCE Mode)
■ Direct Addressing Capability to 1 Mbyte Memory and 64 Kbyte I/O
■ Low-Power Operating Modes:
   — Idle Mode Freezes CPU Clocks but Keeps Peripherals Active
   — Powerdown Mode Freezes All Internal Clocks
   — Powersave Mode Divides All Clocks by Programmable Prescalar
■ Available in Extended Temperature Range (-40°C to +85°C)
■ Supports 80C187 Numerics Processor Extension (80C186EC only)
■ Package Types:
   — 100-Pin EIAJ Quad Flat Pack (QFP)
   — 100-Pin Plastic Quad Flat Pack (PQFP)
   — 100-Pin Shrink Quad Flat Pack (SQFP)
■ Speed Versions Available (5V):
   — 25 MHz (80C186EC25/80C188EC25)
   — 20 MHz (80C186EC20/80C188EC20)
   — 13 MHz (80C186EC13/80C188EC13)
■ Speed Version Available (3V):
   — 16 MHz (80L186EC16/80L188EC16)
   — 13 MHz (80L186EC13/80L188EC13)




Similar Part No. - 80C186EC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EC INTEL-80C186EC Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Similar Description - 80C186EC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com