Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB Datasheet (PDF) - Intel Corporation

80C186EB Datasheet PDF - Intel Corporation
Part # 80C186EB
Download  80C186EB Download
File Size   779.37 Kbytes
Page   59 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

80C186EB Datasheet (PDF)

Go To PDF Page Download Datasheet
80C186EB Datasheet PDF - Intel Corporation

Part # 80C186EB
Download  80C186EB Click to download

File Size   779.37 Kbytes
Page   59 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS

80C186EB Datasheet (HTML) - Intel Corporation


80C186EB Product details

INTRODUCTION
Unless specifically noted, all references to the 80C186EB apply to the 80C188EB, 80L186EB, and 80L188EB. References to pins that differ between the 80C186EB/80L186EB and the 80C188EB/80L188EB are given in parentheses. The ‘‘L’’ in the part number denotes low voltage operation. Physically and functionally, the ‘‘C’’ and ‘‘L’’ devices are identical.
The 80C186EB is the first product in a new generation of low-power, high-integration microprocessors. It enhances the existing 186 family by offering new features and new operating modes. The 80C186EB is object code compatible with the 80C186XL/80C188XL microprocessors.

■ Full Static Operation
■ True CMOS Inputs and Outputs
■ Integrated Feature Set
   — Low-Power Static CPU Core
   — Two Independent UARTs each with an Integral Baud Rate Generator
   — Two 8-Bit Multiplexed I/ O Ports
   — Programmable Interrupt Controller
   — Three Programmable 16-Bit Timer/Counters
   — Clock Generator
   — Ten Programmable Chip Selects with Integral Wait-State Generator
   — Memory Refresh Control Unit
   — System Level Testing Support (ONCE Mode)
■ Direct Addressing Capability to 1 Mbyte
   Memory and 64 Kbyte I/O
■ Speed Versions Available (5V):
   — 25 MHz (80C186EB25/80C188EB25)
   — 20 MHz (80C186EB20/80C188EB20)
   — 13 MHz (80C186EB13/80C188EB13)
■ Available in Extended Temperature
   Range (- 40°C to + 85°C)
■ Speed Versions Available (3V):
   — 16 MHz (80L186EB16/80L188EB16)
   — 13 MHz (80L186EB13/80L188EB13)
■ Low-Power Operating Modes:
   —Idle Mode Freezes CPU Clocks but keeps Peripherals Active
   —Powerdown Mode Freezes All Internal Clocks
■ Supports 80C187 Numeric Coprocessor
   Interface (80C186EB PLCC Only)
■ Available In:
   —80-Pin Quad Flat Pack (QFP)
   —84-Pin Plastic Leaded Chip Carrier (PLCC)
   —80-Pin Shrink Quad Flat Pack (SQFP)
  




Similar Part No. - 80C186EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EB INTEL-80C186EB Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Similar Description - 80C186EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com