Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX2186 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX2186 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX2186
Download  ANX2186 Download
File Size   434.15 Kbytes
Page   3 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description ANX2187 28nm UHD eDP1.4b TCON with In-cell Touch

ANX2186 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX2186 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX2186
Download  ANX2186 Click to download

File Size   434.15 Kbytes
Page   3 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description ANX2187 28nm UHD eDP1.4b TCON with In-cell Touch

ANX2186 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX2186 Product details

Features
 eDP receiver
- Integrated high-speed DP-Rx compliant with DisplayPort standard eDP v1.4b
- Up to 4 lanes @8.1Gbps, 5.4Gbps, 4.32Gbps, 2.7Gbps, 2.16Gbps, 2.43Gbps and 1.62Gbps
- PSR/MBO/PSR2 function
 Source IC interface: CEDS/iSP/EPI/ATPI
- Up to 24 pairs to support 12-channel 2D/1C or 24-channel 1D/1C configuration
- CEDS/iSP/EPI/ATPI transmitter up to 2.0 Gbps configuration with Mux2 support
- Various swap modes: inter-port swap, intra-port swap, p/n swap, RGB swap, odd/even pixel swap, etc.
- Scan direction swap
- Supports Z-inversion (column inversion), and N-line inversion
- Dual gate mode combined with Z-inversion and non-Z inversion mode
- CEDS/iSP/EPI/ATPI test pattern mode
 TCON functions
- Max resolution: 3840x2400 @60Hz
- Can support FullHD 240Hz
- eDP TCON color depth: 18/24/30 bpp input, up to 8+2 FRC output
- Programmable fail-safe mode control
- Configurable BIST pattern
10-bit Gamma correction table for each color
- Advanced Color Block
- Multiple FRC pattern configurations
- 8bit->6bit, 9bit->6bit, 10bit->8bit and 10bit->6bit FRC modes
- 0-D dimming control (DBC) function for backlight low power
- Color-engine for hue and saturation control
- Direct drive G-sync, Free sync, and Adaptive sync
- eDP sDRRS power saving function
- Splash-screen
- In-cell Touch function combined with PSR/ PSR2
 On-chip SSCG
- CEDS/EPI/iSP/ATPI 1.6G <Fceds ≤2.06G (Max. +/-0.5% with 0.25% step, 10/20/30/40KHz, center spreading)
- CEDS/EPI/iSP/ATPI Fceds≤1.6G (Max. +/-1% with 0.25% step, 10/20/30/40KHz, center spreading)
 VESA DisplayHDR
- EOTF ST.2084 Decoder
- BT.2020 to sRGB color space mapping
- Tone Mapping (BT.2390-2)
- 10-bit input with 8-bit output
- DPCD handshake
- 1D, 1.5D and 2D local dimming control
- Up to 16x32 segment backlight control with 12-bit intensity
 I2C interface
 In-cell touch support for finger and active pen
 PWM generator, PWM pass-through and PWM product modes
 TSMC 28nm HPC+ process
 Lowest power, 200mW to 280mW @UHD (PSR on/ off)
 Power supply: 1.8V/0.9V (internal 3.3V for HPD)
 Package:
- ANX2187BN-AA-T: BGA144 (5.15x11x1mm), 0.5mm pitch
- ANX2187VN-AA-T: BGA147 (5.15x14x1mm), 0.65mm pitch




Similar Part No. - ANX2186

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX2403 ANALOGIX-ANX2403 Datasheet
189Kb / 2P
ANX2403 FullHD eDP1.4 TCON with In-cell Touch
August 2018
ANX2433 ANALOGIX-ANX2433 Datasheet
224Kb / 2P
ANX2433 FullHD eDP1.4b PSR1 TCON
March 2018
More results


Similar Description - ANX2186

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
DVI INTERFACE WITH TCON DISPLAY PROCESSOR
logo
Intersil Corporation
TW8817 INTERSIL-TW8817 Datasheet
97Kb / 2P
Digital LCD Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder and TCON
January 5, 2015
TW8827 INTERSIL-TW8827 Datasheet
155Kb / 2P
Analog LCD Panel Processor with built-in MCU NTSC/PAL./SECAM Decoder and TCON
January 5, 2015
TW8835 INTERSIL-TW8835 Datasheet
187Kb / 2P
LCD Video Processor with Built-in Decoder, MCU, OSD,TCON and Analog RGB Input Support
May 6, 2014
logo
NXP Semiconductors
PCF8576E PHILIPS-PCF8576E Datasheet
1Mb / 2P
Segmented 4 x 40 display with in-cell touch technology
September 2013
logo
Renesas Technology Corp
TW8817 RENESAS-TW8817 Datasheet
178Kb / 2P
Digital LCD Panel Processor with built-in MCU, NTSC/PAL/SECAM Decoder and TCON
TW8827 RENESAS-TW8827 Datasheet
208Kb / 2P
Analog LCD Panel Processor with built-in MCU NTSC/PAL./SECAM Decoder and TCON
TW8835 RENESAS-TW8835 Datasheet
223Kb / 3P
LCD Video Processor with Built-In Decoder, MCU, OSD, TCON and Analog RGB Input Support
logo
List of Unclassifed Man...
ILI6122 ETC1-ILI6122 Datasheet
1Mb / 57P
1200-Output Channel TFT LCD Source Driver with TCON
logo
Advantech Co., Ltd.
CRV-430WP ADVANTECH-CRV-430WP Datasheet
191Kb / 2P
43 UHD Curved touch Monitor
24-Apr-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com