Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9255 Datasheet (PDF) - List of Unclassifed Manufacturers

S9255 Datasheet PDF - List of Unclassifed Manufacturers
Part # S9255
Download  S9255 Download
File Size   172.36 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DVI INTERFACE WITH TCON DISPLAY PROCESSOR

S9255 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9255 Datasheet PDF - List of Unclassifed Manufacturers

Part # S9255
Download  S9255 Click to download

File Size   172.36 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DVI INTERFACE WITH TCON DISPLAY PROCESSOR

S9255 Datasheet (HTML) - List of Unclassifed Manufacturers


S9255 Product details

DESCRIPTION

The Genesis s9255 is a highly integrated, feature-rich digital input LCD monitor controller targeted at SXGA

resolution monitors. It inputs DVI-compliant signals and will perform advanced image processing to ensure the best display on a TFT LCD Monitor. It features an advanced scaling architecture with five zone variable

scaling and edge enhancement capabilities in the native resolution modes. A programmable poly phase filter  ensures smooth natural images and enhanced sharper text to provide excellent image quality.



PRODUCT HIGHLIGHTS

•  DVI-compliant 135 MHz receiver

•  High bandwidth digital content protection

•  CCIR 656 compatible 8 bit video port

•  Intelligent Picture Processing™

•  Video window detection

•  SureSync™ and AutoAdjust™

•  Stand-alone test pattern generator

•  Supports input & panel resolutions up to SXGA

•  Integrated Microcontroller

•  Programmable multi tap poly phase advanced scaling engine

•  Five zone variable scaling – Ideal for WXGA panels

•  Programmable regional scaling coefficients

•  Edge enhancement in 1:1 mode

•  Supports zoom and shrink scaling

•  ACM II™ (Second Generation Active Color Management™)

•  Dual Gamma Table Correction

•  Back light intensity control through PWM

•  Adaptive Backlight Control™

•  Adaptive Contrast control ™

•  Flexible OSD Engine with 8 Kbytes of OSD Memory

•  Adaptive flicker Rate Control

•  Fail-safe display mode for high refresh inputs




Similar Part No. - S9255

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
S9251-02 HAMAMATSU-S9251-02 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
S9251-05 HAMAMATSU-S9251-05 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
S9251-10 HAMAMATSU-S9251-10 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
S9251-15 HAMAMATSU-S9251-15 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
More results


Similar Description - S9255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9397 AD-AD9397 Datasheet
593Kb / 28P
DVI Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
10/05-Revision 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
REV. 0
AD9397 AD-AD9397_15 Datasheet
593Kb / 28P
DVI Display Interface
REV. 0
logo
Axiomtek Co., Ltd.
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
DVI-I interface for both VGA and DVI external display devices
logo
Vecow Co., Ltd.
RCS-9412FR VECOW-RCS-9412FR Datasheet
437Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421FR VECOW-RCS-9421FR Datasheet
436Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430F VECOW-RCS-9430F Datasheet
407Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430FR VECOW-RCS-9430FR Datasheet
436Kb / 2P
Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
logo
Renesas Technology Corp
TW8844 RENESAS-TW8844 Datasheet
170Kb / 4P
LCD Video Processor with Built-In Decoder, LVDS and TTL Inputs, OSD, TCON, LVDS, and MIPI Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com