Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396 Datasheet (PDF) - Analog Devices

AD9396 Datasheet PDF - Analog Devices
Part # AD9396
Download  AD9396 Download
File Size   842.31 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog/DVI Dual-Display Interface

AD9396 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9396 Datasheet PDF - Analog Devices

Part # AD9396
Download  AD9396 Click to download

File Size   842.31 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog/DVI Dual-Display Interface

AD9396 Datasheet (HTML) - Analog Devices


AD9396 Product details

GENERAL DESCRIPTION
The AD9396 offers designers the flexibility of an analog interface and digital visual interface (DVI) receiver integrated on a single chip. Also included is support for high bandwidth digital content protection (HDCP).

FEATURES
   Analog/DVI dual interface
      Supports high bandwidth digital content protection
      RGB-to-YCbCr 2-way color conversion
      Automated clamping level adjustment
      1.8 V/3.3 V power supply
      100-lead, Pb-free LQFP
      RGB and YCbCr output formats
   Analog interface
      8-bit triple ADC
      150 MSPS maximum conversion rate
      Macrovision® detection
      2:1 input mux
      Full sync processing
      Sync detect for hot plugging
      Midscale clamping
   Digital video interface
      DVI 1.0
      150 MHz DVI receiver
      Supports HDCP 1.1
 
APPLICATIONS
   Advanced TVs
   HDTVs
   Projectors
   LCD monitors




Similar Part No. - AD9396

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
REV. 0
More results


Similar Description - AD9396

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
DVI INTERFACE WITH TCON DISPLAY PROCESSOR
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
Analog/HDMI Dual-Display Interface
10/05-Revision 0
AD9397 AD-AD9397 Datasheet
593Kb / 28P
DVI Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
Analog/HDMI Dual Display Interface
8/05-Revision 0
logo
Molex Electronics Ltd.
0887418210 MOLEX10-0887418210 Datasheet
178Kb / 3P
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 3.0m (9.84) Length
0887418200 MOLEX10-0887418200 Datasheet
178Kb / 3P
MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 2.0m (6.56) Length
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
Analog/HDMI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
REV. 0
AD9397 AD-AD9397_15 Datasheet
593Kb / 28P
DVI Display Interface
REV. 0
logo
Axiomtek Co., Ltd.
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
DVI-I interface for both VGA and DVI external display devices
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com