Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380 Datasheet (PDF) - Analog Devices

AD9380 Datasheet PDF - Analog Devices
Part # AD9380
Download  AD9380 Download
File Size   1207.87 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog/HDMI Dual-Display Interface

AD9380 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9380 Datasheet PDF - Analog Devices

Part # AD9380
Download  AD9380 Click to download

File Size   1207.87 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog/HDMI Dual-Display Interface

AD9380 Datasheet (HTML) - Analog Devices


AD9380 Product details

GENERAL DESCRIPTION

The AD9380 offers designers the flexibility of an analog interface and high definition multimedia interface (HDMI) receiver integrated on a single chip. Also included is support for high bandwidth digital content protection (HDCP).

The AD9380 is a complete 8-bit, 150 MSPS, monolithic analog interface optimized for capturing component video (YPbPr) and RGB graphics signals. Its 150 MSPS encode rate capability and full power analog bandwidth of 330 MHz supports all HDTV formats (up to 1080p and FPD resolutions up to SXGA(1280 × 1024 @ 75 Hz).

The analog interface includes a 150 MHz triple ADC with internal 1.25 V reference, a phase-locked loop (PLL), and programmable gain, offset, and clamp control. The user provides only 1.8 V and 3.3 V power supplies, analog input, and HSYNC..

Three-state CMOS outputs can be powered from 1.8 V to 3.3 V.

An on-chip PLL generates a pixel clock from HSYNC.



FEATURES

Internal key storage for HDCP

Analog/HDMI dual interface

  Supports high bandwidth digital content protection

  RGB-to-YCbCr 2-way color conversion

  Automated clamping level adjustment

  1.8 V/3.3 V power supply

  100-lead, Pb-free LQFP

  RGB and YCbCr output formats

Analog interface

  8-bit triple ADC

  100 MSPS maximum conversion rate

  Macrovision® detection

  2:1 input mux

  Full sync processing

  Sync detect for hot plugging

  Midscale clamping

Digital video interface

  HDMI 1.1, DVI 1.0

  150 MHz HDMI receiver

  Supports HDCP 1.1

Digital audio interface

  HDMI 1.1-compatible audio interface

  S/PDIF (IEC90658-compatible) digital audio output

  Multichannel I2S audio output (up to 8 channels)



APPLICATIONS

Advanced TVs

HDTV

Projectors

LCD monitor




Similar Part No. - AD9380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
Analog/HDMI Dual-Display Interface
REV. 0
More results


Similar Description - AD9380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
HDMI Display Interface
10/05-Revision 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
10/05-Revision 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
HDMI??Display Interface
10/05-Revision 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
Analog/HDMI Dual Display Interface
8/05-Revision 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
Analog/HDMI Dual-Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
HDMI Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
HDMI Display Interface
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com