Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9880 Datasheet (PDF) - Analog Devices

AD9880 Datasheet PDF - Analog Devices
Part # AD9880
Download  AD9880 Download
File Size   1145.77 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog/HDMI Dual Display Interface

AD9880 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9880 Datasheet PDF - Analog Devices

Part # AD9880
Download  AD9880 Click to download

File Size   1145.77 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Analog/HDMI Dual Display Interface

AD9880 Datasheet (HTML) - Analog Devices


AD9880 Product details

GENERAL DESCRIPTION
The AD9880 offers designers the flexibility of an analog interface and high definition multimedia interface (HDMI) receiver integrated on a single chip. Also included is support for high bandwidth digital content protection (HDCP).

FEATURES
   Analog/HDMI dual interface
   Supports high bandwidth digital content protection
   RGB-to-YCbCr 2-way color conversion
   Automated clamping level adjustment
   1.8 V/3.3 V power supply
   100-lead LQFP Pb-free package
   RGB and YCbCr output formats
   Analog interface
      8-bit triple ADC
      100 MSPS maximum conversion rate
      Macrovision® detection
      2:1 input mux
      Full sync processing
      Sync detect for hot plugging
      Midscale clamping
   Digital video interface
      HDMI v 1.1, DVI v 1.0
      150 MHz HDMI receiver
      Supports high bandwidth digital content protection
      (HDCP 1.1)
   Digital audio interface
      HDMI 1.1-compatible audio interface
      S/PDIF (IEC90658-compatible) digital audio output
      Multichannel I2S audio output (up to 8 channels)

APPLICATIONS
   Advanced TV
   HDTV
   Projectors
   LCD monitor




Similar Part No. - AD9880

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9882 AD-AD9882 Datasheet
370Kb / 36P
Dual Interface for Flat Panel Displays
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9882/PCB AD-AD9882/PCB Datasheet
370Kb / 36P
Dual Interface for Flat Panel Displays
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9882A AD-AD9882A Datasheet
984Kb / 40P
Dual Interface for Flat Panel Displays
10/04-Revision 0
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
Dual Interface for Flat Panel Displays
10/04-Revision 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
Dual Interface for Flat Panel Displays
10/04-Revision 0
More results


Similar Description - AD9880

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
Analog/HDMI Dual-Display Interface
10/05-Revision 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
HDMI Display Interface
10/05-Revision 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
10/05-Revision 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
HDMI??Display Interface
10/05-Revision 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
Analog/HDMI Dual-Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
HDMI Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
Analog/DVI Dual-Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
HDMI Display Interface
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com