Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7406 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7406 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7406
Download  ANX7406 Download
File Size   342.68 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB-C™ Port Controller

ANX7406 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7406 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7406
Download  ANX7406 Click to download

File Size   342.68 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB-C™ Port Controller

ANX7406 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7406 Product details

Features
 USB-PD Support: UFP and DFP
- Chunking and unchunking
- TCPCI compliant
- Fast role swap (FRS)
- Integrated VCONN switch
- VBUS sense with 36V over current and over voltage protection
 USB Billboard class (low speed)
- Embedded RISC-V core and secure FW update
- 96KB instruction RAM, 16KB execution RAM
- 512KB flash for FW storage
- AES128 FW encryption with SHA256 signature
- FW update through I2C and billboard device
 System Interface and IO control
- 2x I2C slave interfaces; 1x I2C master interface
- HPD signal for DP applications
- Role select configuration pin
 Industry standard compatibility
- USB Type-C r2.0 specification
- USB Power Delivery v3.1 r1.0 specification
- DisplayPort 2.0 specification
- DisplayPort Alternate Mode over USB Type-C V2.0 specification
- Universal Serial Bus (USB) Type-C Port Controller Interface r2.0 specification
 Dead battery detection support
 36V overvoltage protection for CC1/CC2, SBU1/SBU2, VBUS
 Package
- QFN-48, 6mm x 6mm,

Applications
Notebooks, desktops, and 2-in-1s




Similar Part No. - ANX7406

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7401 ANALOGIX-ANX7401 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
188Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
177Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
ANX7401 ANALOGIX-ANX7401 Datasheet
221Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.1
April 2018
More results


Similar Description - ANX7406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com