Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7802 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7802 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7802
Download  ANX7802 Download
File Size   398.88 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C Crosspoint Switch

ANX7802 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7802 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7802
Download  ANX7802 Click to download

File Size   398.88 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C Crosspoint Switch

ANX7802 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7802 Product details

Features
 High-speed switching up to 6.75Gbps
 2-lanes DisplayPort inputs with link speed of 1.62Gbps, 2.7Gbps, 5.4Gbps, and 6.75Gbps
 USB 3.1 signal (SSTX and SSRX) with Gen1 (5Gbps) link speed
 DisplayPort Alternate Mode communication support through USB-PD structured VDM messaging
 Embedded MCU to implement signal switching, USBPD messaging, and DisplayPort related functions
 5V-tolerant CC/VCONN signals
 Dead battery charging support
 I2C slave mode to support external MCU/IC
 I2C master and GPIOs to control external Power Management Integrated Circuits (PMICs) or USB charger IC based on the USB-PD configuration
 3.3V power supply for analog part (1.0V Core power generated by internal regulator)
 3.3V or 1.8V power supply for digital IO
 Supports the following
- USB 3.1 signal switching
- DisplayPort Alternate Mode on USB Type-C Standard (rev 1.0) Pin Assignments C, D, E and F
- USB Power Delivery Specification v2.0 on CC wire
 Compliant with the following
- DisplayPort 1.3 PHY and electrical specifications
- USB Type-C Cable and Connector Specification (rev 1.0)
- USB Power Delivery Specification v2.0 (rev 1.0)
- USB 3.1 Gen 1 electrical specifications




Similar Part No. - ANX7802

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7802 ANALOGIX-ANX7802 Datasheet
218Kb / 2P
SlimPort®to HDMI® (Ultra-HD, 4K) Converter
July 2014
ANX7802 ANALOGIX-ANX7802 Datasheet
333Kb / 2P
SlimPort® to DisplayPort™ (4K@30Hz) Converter
November 2014
ANX7802 ANALOGIX-ANX7802 Datasheet
293Kb / 2P
SlimPort® Transmitter
June 2015
ANX7802 ANALOGIX-ANX7802 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
ANX7802 ANALOGIX-ANX7802 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
More results


Similar Description - ANX7802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com