Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7802 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7802 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7802
Download  ANX7802 Download
File Size   293.1 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® Transmitter

ANX7802 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7802 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7802
Download  ANX7802 Click to download

File Size   293.1 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® Transmitter

ANX7802 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7802 Product details

Features
* Standard compliance
- DisplayPort 1.2, MyDP 1.0, MIPI-DSI 1.0
* USB data in/out
- USB host, device, or OTG data passes through by default
- Meets requirements of inter-chip USB specification
* Digital video and audio output
- SlimPort output over mini- or micro-USB connector
- DisplayPort, eDP, or MyDP output over any connector
- Configurable 1-lane output supports: 5.4Gbps, 2.7Gbps, or 1.62Gbps data rates
- Stereo (3D) video output support
- Single wire (C-WIRE) sideband communication
- Integrated CEC Support
- HDCP 1.3 content protection (optional)
* Integrated analog switch and accessory detect
- Seamless switching between USB and MyDP
- SlimPort cable detect with FAIL-SAFE mechanism
* Digital video input
- RGB-24 single data rate or 18-bits double data rate
- MIPI-DSI (4-lanes) at 1Gbps/lane
- Supports max pixel clock rates up to 185 Mpixels/sec
- Up to 30 bpp color depth support in SlimPort mode
- Supports 1.8V RGB-24 input mode
* Digital audio input
- SLIMbus, S/PDIF and 8-Ch I2S input
- Audio sample rates 32 kHz to 192 kHz
* System operation
- Slave I2C device control interface
- Built-in video BIST patterns and audio tone generator for system self-test
* Power requirements
- 1.0V, 1.8V, and 3.3V power supplies
- Standby Power: < 25uW, while monitoring cable detect
* Package offered: 81-ball, 4mm x 4mm, 0.4mm ball pitch




Similar Part No. - ANX7802

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7802 ANALOGIX-ANX7802 Datasheet
398Kb / 2P
USB Type-C Crosspoint Switch
June 2015
ANX7802 ANALOGIX-ANX7802 Datasheet
218Kb / 2P
SlimPort®to HDMI® (Ultra-HD, 4K) Converter
July 2014
ANX7802 ANALOGIX-ANX7802 Datasheet
333Kb / 2P
SlimPort® to DisplayPort™ (4K@30Hz) Converter
November 2014
ANX7802 ANALOGIX-ANX7802 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
ANX7802 ANALOGIX-ANX7802 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
More results


Similar Description - ANX7802

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
Transmitter
7/13/22
logo
EnOcean GmbH.
PTM215B ENOCEAN-PTM215B Datasheet
156Kb / 1P
Bluetooth® Low Energy Pushbutton Transmitter Module PTM 215B
June 2019
logo
Renesas Technology Corp
P9247-V RENESAS-P9247-V Datasheet
310Kb / 5P
Wireless Power Transmitter with Ventiva® ICE™ Support for Fast Charge Applications
December 17, 2019
logo
G.M. International
D6017 GMI-D6017 Datasheet
156Kb / 2P
SIL3 3/4-Wire HART® Transmitter Power Supply
D6011 GMI-D6011 Datasheet
151Kb / 2P
SIL3 2-Wire HART® Transmitter Power Supply
D6014 GMI-D6014 Datasheet
194Kb / 2P
SIL3 2/4-Wire HART® Transmitter Power Supply
D6015 GMI-D6015 Datasheet
152Kb / 2P
SIL2 2/4-Wire HART® Transmitter Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com