Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7443 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7443 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7443
Download  ANX7443 Download
File Size   360.3 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 20G Active Retimer for USB 3.2

ANX7443 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7443 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7443
Download  ANX7443 Click to download

File Size   360.3 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 20G Active Retimer for USB 3.2

ANX7443 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7443 Product details

Features
 Built-in re-timer
- Integrated re-timer for USB 3.2 with two lanes up to Gen2 @ 10Gbps each for a combined 20G throughput
- Supports both Separate Reference Clock Independent SSC (SRIS) and Bit-Level Re-timer (BLR) Architectures of USB 3.2 Specification
- Supports both host (source) and device (sink) applications in USB-C subsystems
- Loss compensation to recover up to 23dB channel loss
 Integrated mux
- Digital (2x2) mux switches USB signals and preserves enhanced signal output over USB-C connector
- Mux control input through I2C commands from external I2C master (or, optionally through FLIP/USB_EN pins)
 Integrated Reference CLK
 Serial and debug interfaces
- I2C Slave interface, up to 1MHz, for mux and re-timer configuration
 Industry standard compatibility
- USB 3.2 specification
- USB Type-C r1.2 specification
- Intel USB 3.2 Repeater and Active Switch specification
 Low-power design
- Analog power supply at 1.8V
- I/O power supply at 1.8V
- Core power supply at 1.2V
 Package
- QFN-50, 4.7mm x 6.4mm, 0.90mm Z-height, 0.35mm pin-pitch
- QFN-60, 6.4mm x 6.4mm, 0.90mm Z-height, 0.35mm pin-pitch
- Pin compatible to ANX7432
 Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, workstations, servers, docking




Similar Part No. - ANX7443

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7443 ANALOGIX-ANX7443 Datasheet
802Kb / 2P
106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4
ANX7443 ANALOGIX-ANX7443 Datasheet
684Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.2
ANX7443 ANALOGIX-ANX7443 Datasheet
222Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2
November 2019
ANX7443 ANALOGIX-ANX7443 Datasheet
224Kb / 2P
20G Active Mux (2x2) with Integrated Re-timer and CC Detection for USB 3.2
October 2019
ANX7443 ANALOGIX-ANX7443 Datasheet
226Kb / 2P
10G Active Mux (4x4) with Integrated Re-timers for USB3.2/DisplayPort™
November 2019
More results


Similar Description - ANX7443

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8620 PMC-PM8620 Datasheet
52Kb / 4P
20G Narrowband Switch Element
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
Tripp Lite. All Rights ...
U330-05M-C2A-G2 TRIPPLITE-U330-05M-C2A-G2 Datasheet
171Kb / 3P
USB-C Active Extension Cable - USB-C to USB-A (M/F), USB 3.2 Gen 2, Data Only, 5 m (16.4 ft.)
U330-10M-1 TRIPPLITE-U330-10M-1 Datasheet
173Kb / 3P
USB Active Extension Repeater Cable - USB-A to USB-A (M/F), USB 3.2 Gen 1, 10 m (32.8 ft.)
logo
Kinetic Technologies.
MCDP5200 KINETIC-MCDP5200 Datasheet
269Kb / 6P
USB Type-C / DP1.4a Alt-Mode to HDMI2.0b Protocol Converter With USB Retimer
logo
Tripp Lite. All Rights ...
U330-05M-C2C TRIPPLITE-U330-05M-C2C Datasheet
165Kb / 3P
USB 3.2 Gen 1 Active Extension Cable - USB-C to USB-C (M/F), 5 Gbps, Data Only, 5 m (16.4 ft.)
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
MCDP6200 KINETIC-MCDP6200 Datasheet
173Kb / 5P
USB Type-C Switching Retimer
June 2021 - Revision 03h
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com