Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7443 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7443 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7443
Download  ANX7443 Download
File Size   802.27 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4

ANX7443 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7443 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7443
Download  ANX7443 Click to download

File Size   802.27 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4

ANX7443 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7443 Product details

Features
* Built-in re-timers
— Integrated re-timers for USB3.2 up to Gen 2 @ 10Gbps
— Supports both Separate Reference Clock Independent SSC (SRIS) and Bit-Level Re-timer (BLR) Architectures of USB3.2 Specification (Appendix-E)
— Integrated re-timers (Link training-tunable PHY repeater) for DisplayPort up to HBR3 @ 8.1Gbps, Supports both transparent mode and non-transparent mode (transparent or LTTPR)
— Supports both host (source) and device (sink) applications in USB-C subsystems
— Loss compensation to recover up to 2308 channel loss (USB), up to 27dB (DP)
* Integrated mux
— Integrated (6x4) mux switches USB and DP signals and preserves enhanced signal output over USB-C connector
— Mux control input through 12C commands from external 12C master (or, optionally through GPIO of FLIP/USB_EN/DP_EN pins)
— Integrated SBU/AUX mux for switching DisplayPort AUX +/- signals
* Integrated reference clock
* Serial control interfaces
- I2CSlave interface, up 10 IMHz, for mux and re-timer configuration
* Industry standard compatibility
— USB3.2 specification, Appendix E
— DisplayPort 1.4a specification
— USB Type-C r1.2 specification
— Intel USB3.2 Repeater and Active Switch specification
* Low-power design
- Analog power supply at 1.8V
- 1/0 power supply at 1.8V
- Core power supply at 1.2V
* Package
— QFN-60, 6.4mm x 6.4mm, 0.90mm Z-height, 0.35mm pin-pitch
* Commercial temperature range of 0C 10 70C

Applications
Notebooks, desktops, docking




Similar Part No. - ANX7443

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7443 ANALOGIX-ANX7443 Datasheet
684Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.2
ANX7443 ANALOGIX-ANX7443 Datasheet
360Kb / 2P
20G Active Retimer for USB 3.2
March 2021
ANX7443 ANALOGIX-ANX7443 Datasheet
222Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2
November 2019
ANX7443 ANALOGIX-ANX7443 Datasheet
224Kb / 2P
20G Active Mux (2x2) with Integrated Re-timer and CC Detection for USB 3.2
October 2019
ANX7443 ANALOGIX-ANX7443 Datasheet
226Kb / 2P
10G Active Mux (4x4) with Integrated Re-timers for USB3.2/DisplayPort™
November 2019
More results


Similar Description - ANX7443

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2FAL-M16R BOURNS-2FAL-M16R Datasheet
277Kb / 3P
Integrated Passive & Active Devices
2FAF-M8R BOURNS-2FAF-M8R Datasheet
300Kb / 3P
Integrated Passive & Active Devices
2FAF-C10R BOURNS-2FAF-C10R Datasheet
234Kb / 4P
Integrated Passive & Active Device
2DAB-F6R BOURNS-2DAB-F6R Datasheet
235Kb / 4P
Integrated Passive & Active Device
2DAA-F6R BOURNS-2DAA-F6R Datasheet
235Kb / 4P
Integrated Passive & Active Device
logo
Pericom Semiconductor C...
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_09 Datasheet
223Kb / 11P
Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
logo
Texas Instruments
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
logo
RF Micro Devices
SGL06SMT2 RFMD-SGL06SMT2 Datasheet
1Mb / 5P
Integrated Active Bias Circuit
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com