Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7411 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7411 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7411
Download  ANX7411 Download
File Size   210.45 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C™ Crosspoint Switch with On-chip Microcontroller

ANX7411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7411 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7411
Download  ANX7411 Click to download

File Size   210.45 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description USB Type-C™ Crosspoint Switch with On-chip Microcontroller

ANX7411 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7411 Product details

Features
 4-lanes DisplayPort inputs with link speed of 1.62Gbps, 2.7Gbps, 5.4Gbps, 6.75Gbps, 8.1Gbps
 USB 3.1 signal (SSTX and SSRX) with Gen1 (5Gbps) and Gen2 (10Gbps) link speed
 DisplayPort Alternate Mode (SlimPort®) communication support through USB-PD structured VDM messaging
 Native TCPC-compliant hardware register interface
 Supports DFP and DRP modes for Host-only or Dual- Role applications
 Integrated VCONN FETs
 Built-in 10-bit ADC to monitor VBUS voltage and current
 Dedicated control signals for VBUS Source FET, VBUS sink FET, and VBUS auto discharge circuity
 Serial and debug interface
- Slave interface
- Direct Connect Interface (DCI) debug support
 Industry standard compatibility
- USB Type-C r1.2 specification
- USB Power Delivery v3.0 r1.0 specification
- DisplayPort 1.4 specification
- DisplayPort Alternate Mode over USB Type-C r1.1 specification
- Universal Serial Bus (USB) Type-C Port Controller Interface r1.0 specification
 Low-power design
- Single supply at 3.3V
- Dedicated supply power pin for flexible I/O power – 1.8V or 3.3V
- Ultra-low power consumption (typical 77uW) in standby mode
 OCM to implement signal switching, USB-PD messaging, and DisplayPort related functions
- 64K bytes SRAM for firmware execution
- 128K bytes Flash for firmware storage
- PDFU function for firmware updating
 Dead battery detection support
 Packages
- BGA-49 3.2mm x 3.2mm, 0.91mm Z-height, 0.4mm pinpitch
- QFN-48 6mm x 6mm, 0.90mm Z-height, 0.4mm pinpitch

Applications
Notebooks, desktops, and 2-in-1s




Similar Part No. - ANX7411

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7411 ANALOGIX-ANX7411 Datasheet
206Kb / 2P
USB-C™ Port Controller
April 2018
ANX7411 ANALOGIX-ANX7411 Datasheet
213Kb / 2P
USB Type-C™ Power Delivery v3.0 Controller with De-Mux (USB/DP)
April 2018
ANX7411 ANALOGIX-ANX7411 Datasheet
190Kb / 2P
USB-C™ Port Controller
April 2018
ANX7411 ANALOGIX-ANX7411 Datasheet
204Kb / 2P
USB Type-C™ Crosspoint Switch with On-chip Microcontroller
April 2018
More results


Similar Description - ANX7411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
Diodes Incorporated
AP43761 DIODES-AP43761 Datasheet
435Kb / 8P
3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
Rev 3
logo
Texas Instruments
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com