Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7497 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7497 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7497
Download  ANX7497 Download
File Size   226.23 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G Active Mux (4x4) with Integrated Re-timers for USB3.2/DisplayPort™

ANX7497 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7497 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7497
Download  ANX7497 Click to download

File Size   226.23 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G Active Mux (4x4) with Integrated Re-timers for USB3.2/DisplayPort™

ANX7497 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7497 Product details

Features
 Built-in re-timers
− Integrated re-timers for USB3.2 up to Gen 2 @ 10Gbps
− US3.2 Specification (Appendix-E) compliant re-timer
− Supports both Separate Reference Clock Independent SSC (SRIS) and Bit-Level Re-timer (BLR) Architectures of USB3.2 Specification (Appendix-E)
− Integrated re-timers (Link training-tunable PHY repeater) for DisplayPort up to HBR3 @ 8.1Gbps. Supports both transparent mode and non-transparent mode (transparent or LTTPR)
− Supports both host (source) and device (sink) applications in USB-C subsystems
− Loss compensation to recover up to 23dB channel loss (USB), up to 27dB (DP)
 Integrated mux
− Integrated (4x4) mux switches USB and DP signals and preserves enhanced signal output over USB-C connector
− Mux control input through I2C commands from external I2C master (or, optionally through GPIO of FLIP/USB_EN/DP_EN pins)
− Integrated SBU/AUX mux for switching DisplayPort AUX +/- signals
 Integrated reference clock
 Serial and debug interfaces
− I2C Slave interface, up to 1MHz, for mux and re-timer configuration
 Industry standard compatibility
− USB3.2 specification, Appendix E
− DisplayPort 1.4a specification
− USB Type-C r1.2 specification
− Intel USB3.2 Repeater and Active Switch specification
 Low-power design
− Analog power supply at 1.8V
− I/O power supply at 1.8V
− Core power supply at 1.2V
 Package
− QFN-50, 4.7mm x 6.4mm, 0.90mm Z-height, 0.35mm pin-pitch
− LGA-34, 3.3mm x 4.8mm, 0.71mm Z-height, 0.35mm pin-pitch
 Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, gaming PCs, workstations, servers, 2-in-1 PCs, active cables and accessories




Similar Part No. - ANX7497

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7497 ANALOGIX-ANX7497 Datasheet
684Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.2
ANX7497 ANALOGIX-ANX7497 Datasheet
360Kb / 2P
20G Active Retimer for USB 3.2
March 2021
ANX7497 ANALOGIX-ANX7497 Datasheet
222Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2
November 2019
ANX7497 ANALOGIX-ANX7497 Datasheet
224Kb / 2P
20G Active Mux (2x2) with Integrated Re-timer and CC Detection for USB 3.2
October 2019
ANX7497 ANALOGIX-ANX7497 Datasheet
802Kb / 2P
106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4
More results


Similar Description - ANX7497

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
logo
Pericom Semiconductor C...
PI3VEDP212 PERICOM-PI3VEDP212 Datasheet
858Kb / 8P
2-lane DisplayPort Switch/Mux for DP Driven Panels with Triple Control Pins
logo
Texas Instruments
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
DisplayPort to TMDS Level-Shifting Re-Driver
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
logo
PANDUIT CORP.
FR4X4YL6 PANDUIT-FR4X4YL6 Datasheet
185Kb / 1P
4x4 FiberRunner짰 Routing System Cable Fills for 4x4 FiberRunner
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
IOGEAR
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Western Digital Corpora...
WD4000FYYZ WESTERN-WD4000FYYZ Datasheet
696Kb / 2P
WD Re™ Datacenter Capacity HDD
May 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com