Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7497 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7497 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7497
Download  ANX7497 Download
File Size   222.26 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2

ANX7497 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7497 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7497
Download  ANX7497 Click to download

File Size   222.26 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G Active Mux (1x2) with Integrated Re-timer and CC Detection for USB 3.2

ANX7497 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7497 Product details

Features
 Built-in re-timer
− Integrated re-timer for USB 3.2 up to Gen2 @ 10Gbps
− Supports both Separate Reference Clock Independent SSC (SRIS) and Bit-Level Re-timer (BLR) Architectures of USB 3.2 Specification (Appendix-E)
− Loss compensation to recover up to 23dB channel loss
 Integrated mux
− Digital (1x2) mux switches USB signals and preserves enhanced signal output over USB-C connector
− Mux control input through I2C commands from external I2C master
 TCPC-compliant hardware interface
 Supports DFP USB-C applications
 Dedicated control signals for VBUS Source FET
 Integrated Reference CLK
 Serial and debug interfaces
− I2C Slave interface, up to 1MHz, for mux and re-timer configuration
 Industry standard compatibility
− USB 3.2 specification, Appendix E
− USB Type-C r1.2 specification
− Intel USB 3.2 Repeater and Active Switch specification
 Low-power design
− Analog power supply at 1.8V
− I/O power supply at 1.8V
− Core power supply at 1.2V
 Package
− QFN-50, 4.7mm x 6.4mm, 0.90mm Z-height, 0.35mm pin-pitch
 Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, gaming PCs, workstations, servers, 2-in-1 PCs




Similar Part No. - ANX7497

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7497 ANALOGIX-ANX7497 Datasheet
684Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.2
ANX7497 ANALOGIX-ANX7497 Datasheet
360Kb / 2P
20G Active Retimer for USB 3.2
March 2021
ANX7497 ANALOGIX-ANX7497 Datasheet
224Kb / 2P
20G Active Mux (2x2) with Integrated Re-timer and CC Detection for USB 3.2
October 2019
ANX7497 ANALOGIX-ANX7497 Datasheet
802Kb / 2P
106 Active Mux (6x4) with Integrated Re-timers for USB3.2/DisplayPort1.4
ANX7497 ANALOGIX-ANX7497 Datasheet
226Kb / 2P
10G Active Mux (4x4) with Integrated Re-timers for USB3.2/DisplayPort™
November 2019
More results


Similar Description - ANX7497

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS834 STMICROELECTRONICS-TS834 Datasheet
75Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
Nov-1999
logo
Maxim Integrated Produc...
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
15-Jul-2016
logo
Texas Instruments
TPS65990 TI1-TPS65990 Datasheet
341Kb / 10P
USB Type-C Power Delivery 3.0 Bi-Directional Power Mux with CC and SBU Short-to-VBUS Protection and Integrated Dead Battery LDO
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
logo
STMicroelectronics
STUSB4761 STMICROELECTRONICS-STUSB4761 Datasheet
2Mb / 29P
Standalone USB PD controller with integrated CC/CV for AC/DC applications
08-Sep-2021
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
logo
Analog Devices
MAX77789 AD-MAX77789 Datasheet
3Mb / 77P
14VIN, 3AOUT 1-Cell Charger with Integrated USB Type-C Detection, DRP and OTG
Rev 0; 3/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com