Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet (PDF) - STMicroelectronics

STUSB4761 Datasheet PDF - STMicroelectronics
Part # STUSB4761
Download  STUSB4761 Download
File Size   2494.3 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standalone USB PD controller with integrated CC/CV for AC/DC applications

STUSB4761 Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSB4761 Datasheet PDF - STMicroelectronics

Part # STUSB4761
Download  STUSB4761 Click to download

File Size   2494.3 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standalone USB PD controller with integrated CC/CV for AC/DC applications

STUSB4761 Datasheet (HTML) - STMicroelectronics


STUSB4761 Product details

Features
• Type-C and USB PD controller (with autorun)
• Provider role - up to 5 PDO profiles
• Programmable VBUS voltage and current protections
• High-side current sensing
• Integrated CC/CV regulation
• 50 mA VCONN switch (OVP and OCP)
• E-marked cable support for 100 W applications
• Ambient temperature adaptive power and overtemperature protection
• Data role and VCONN swap answer support
• Factory mode configuration over CC pin
• Integrated VBUS discharge control path
• Integrated VBUS switches gate driver (PMOS)
• Short-to-VBUS protections
• VDD = [4.1 V; 22 V] - AMR = 28 V
• Temperature range: -40 °C up to 105 °C
• ESD = 1.5 kV CDM / 4 kV HBM
• Certified according to:
– USB Power Delivery specifications (rev 3.0)
– USB type-C™ (rev 1.4)
– TID: 2070




Similar Part No. - STUSB4761

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4700 STMICROELECTRONICS-STUSB4700 Datasheet
1Mb / 32P
Smart plugs and wall adapters
22-Mar-2017
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710ADTR STMICROELECTRONICS-STUSB4710ADTR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710AQ1TR STMICROELECTRONICS-STUSB4710AQ1TR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710AQTR STMICROELECTRONICS-STUSB4710AQTR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
More results


Similar Description - STUSB4761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
logo
Texas Instruments
TPS25750 TI1-TPS25750 Datasheet
3Mb / 67P
TPS25750 USB Type-C and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS25750 TI-TPS25750_V01 Datasheet
3Mb / 74P
TPS25750 USB Type-C짰 and USB PD Controller with Integrated Power Switches Optimized for Power Applications
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
logo
Major-Power Technology ...
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com