Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet (PDF) - STMicroelectronics

STUSB4500 Datasheet PDF - STMicroelectronics
Part # STUSB4500
Download  STUSB4500 Download
File Size   848.25 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standalone USB PD sink controller with short-to-VBUS protections

STUSB4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSB4500 Datasheet PDF - STMicroelectronics

Part # STUSB4500
Download  STUSB4500 Click to download

File Size   848.25 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standalone USB PD sink controller with short-to-VBUS protections

STUSB4500 Datasheet (HTML) - STMicroelectronics


STUSB4500 Product details

Description
Standalone USB PD sink controller (auto-run mode)

Features
■ Auto-run Type-C™ and USB PD sink controller
■ Dead battery mode support
■ Up to 3 sink PDO configurable profiles
■ Dual high power charging path support
■ Integrated VBUS switch gate drivers (PMOS)
■ Integrated VBUS voltage monitoring
■ Internal and/or external VBUS discharge paths
■ Short-to-VBUS protections on CC pins (22 V)
■ High voltage capability on VBUS pins (28 V)
■ Dual power supply (VSYS and/or VDD): – VSYS = [3.0 V; 5.5 V] – VDD = [4.1 V; 22 V]
■ Debug accessory mode support
■ Temperature range: -40 °C up to 105 °C
■ ESD: 3 kV HBM - 1.5 kV CDM
■ Certified: – USB Type-C™ rev 1.2 – USB PD rev 2.0 (TID #1000133)
■ Interoperable with USB PD rev 3.0

Applications
■ Printers, camcorders, cameras
■ IoT, drones, accessories and battery powered devices
■ LED lighting and industrial
■ Toys, gaming, POS, scanner
■ Healthcare and handheld devices
■ Any Type-C sink device




Similar Part No. - STUSB4500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
4Mb / 4P
Fast and easy migration from DC barrel to Type-C
14-Sep-2020
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
STUSB4500LBJR STMICROELECTRONICS-STUSB4500LBJR Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
STUSB4500LQTR STMICROELECTRONICS-STUSB4500LQTR Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
More results


Similar Description - STUSB4500

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN006 AIC-AN006 Datasheet
115Kb / 8P
USB Protections
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
STMicroelectronics
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
STMicroelectronics
STUSB4761 STMICROELECTRONICS-STUSB4761 Datasheet
2Mb / 29P
Standalone USB PD controller with integrated CC/CV for AC/DC applications
08-Sep-2021
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com