Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet (PDF) - STMicroelectronics

STUSB4500L Datasheet PDF - STMicroelectronics
Part # STUSB4500L
Download  STUSB4500L Download
File Size   646.9 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standalone USB Type-C??sink port controller

STUSB4500L Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSB4500L Datasheet PDF - STMicroelectronics

Part # STUSB4500L
Download  STUSB4500L Click to download

File Size   646.9 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standalone USB Type-C??sink port controller

STUSB4500L Datasheet (HTML) - STMicroelectronics


STUSB4500L Product details

Description
Standalone USB Type-C controller (auto-run mode)

Features
■ Auto-run Type-C™ sink controller
■ Dead battery mode support
■ Integrated VBUS switch gate drivers (PMOS)
■ Integrated VBUS voltage monitoring
■ Short-to-VBUS protections on CC pins
■ High voltage capability on VBUS pins
■ VBUS powered: – Zero consumption on local battery or application – VDD = [4.1 V; 22 V]
■ Temperature range: -40 °C up to 105 °C
■ ESD: 3 kV HBM - 1.5 kV CDM
■ Certified: – USB Type-C™ rev 1.4 – Power sinking device (TID #1455)

Applications
■ Printers, camcorders, cameras
■ IoT, drones, accessories and battery powered devices
■ Computer accessories (keyboards, mouse)
■ Toys, gaming, POS, scanner, LED lighting
■ Healthcare, e-cigarettes, handheld devices
■ USB accessories
■ 5 V DC barrel, USB STD-B and micro-B replacement
■ Any 5 V Type-C sink device




Similar Part No. - STUSB4500L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
4Mb / 4P
Fast and easy migration from DC barrel to Type-C
14-Sep-2020
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
STUSB4500BJR STMICROELECTRONICS-STUSB4500BJR Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4500QTR STMICROELECTRONICS-STUSB4500QTR Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
More results


Similar Description - STUSB4500L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com