Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 6Page - STMicroelectronics STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics STUSB4500L Datasheet HTML 10Page - STMicroelectronics STUSB4500L Datasheet HTML 11Page - STMicroelectronics STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
The discharge time durations are also preset by default in the NVM (see Section 7.3 Electrical and timing
characteristics). The discharge time durations can be changed through NVM programming (see Section 5 Start-
up configuration).
The VBUS discharge feature is enabled by default in the NVM and can be disabled through NVM programming
(see Section 5 Start-up configuration).
3.2.3
VBUS power path assertion
The STUSB4500L can control the assertion of the VBUS power path from the USB Type-C receptacle, directly or
indirectly, through the VBUS_EN_SNK pin.
The table below summarizes the operating conditions that determine the electrical value of the VBUS_EN_SNK
pin during system operation.
Table 7. VBUS_EN_SNK pin behavior depending on the operating conditions
Value
Operating conditions
Connection stage
VBUS monitoring conditions on VBUS_VS_DISCH pin
0
At attachment or during operation
VBUS < VMONUSBH
and
VBUS > VTHUSB
Hi-Z
At detachment or during ErrorRecovery
VBUS > VMONUSBH
or
VBUS < VTHUSB
Type-C state column refers to the Type-C FSM states as defined in the USB Type-C standard specification.
3.3
Dead battery mode
Dead battery mode allows systems powered by a battery to be supplied by the VBUS when the battery is
discharged and therefore to start the battery charging process without any external support. This mode is also
used in systems that are powered through the VBUS only.
Dead battery mode operates only if the CC1DB and CC2DB pins are connected respectively to the CC1 and CC2
pins. Thanks to these connections, the STUSB4500L presents a pull-down termination on its CC pins and
advertises itself as a sink even if the device is not supplied.
When a source system connects to a USB Type-C port, it detects the pull-down termination, establish the source-
to-sink connection, and provide the VBUS. The STUSB4500L is then supplied thanks to the VDD pin connected to
VBUS on the USB Type-C receptacle side. The STUSB4500L can finalize the connection and enable the power
path on VBUS thanks to the VBUS_EN_SNK pin to allow the system to be powered.
3.4
High voltage protections
The STUSB4500L can be safely used in systems or connected to systems that handle high voltage on the VBUS
power path. The device integrates an internal circuitry on the CC pins that tolerates high voltage and ensures
protection up to 22 V in case of unexpected short-circuits with the VBUS or in case of a connection to a device
supplying high voltage on the VBUS.
3.5
Hardware fault management
During system operation, the STUSB4500L handles some pre-identified hardware fault conditions. When such
conditions happen, the circuit goes into an ErrorRecovery state as defined in the USB Type-C standard
specifications.
STUSB4500L
Dead battery mode
DS13102 - Rev 1
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com