Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics STUSB4500L Datasheet HTML 15Page - STMicroelectronics STUSB4500L Datasheet HTML 16Page - STMicroelectronics STUSB4500L Datasheet HTML 17Page - STMicroelectronics STUSB4500L Datasheet HTML 18Page - STMicroelectronics STUSB4500L Datasheet HTML 19Page - STMicroelectronics STUSB4500L Datasheet HTML 20Page - STMicroelectronics STUSB4500L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
7
Electrical characteristics
7.1
Absolute maximum ratings
All voltages are referenced to GND.
Table 14. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage on VDD pin
28
V
VSYS
Supply voltage on VSYS pin
6
VCC1, VCC2
VCC1DB, VCC2DB
High voltage on CC pins
22
VVBUS_EN_SNK
VVBUS_VS_DISCH
VDISCH
VRP_3A
High voltage on VBUS pins
28
VSCL, VSDA
VALERT
VRESET
VATTACH
VA_B_SIDE
VRP_1A5
VGPIO
VADDR0, VADDR1
Operating voltage on I/O pins
-0.3 to 6
TSTG
Storage temperature
-55 to 150
°C
TJ
Maximum junction temperature
145
ESD
HBM
3
kV
CDM
1.5
STUSB4500L
Electrical characteristics
DS13102 - Rev 1
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com