Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 10Page - STMicroelectronics STUSB4500L Datasheet HTML 11Page - STMicroelectronics STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics STUSB4500L Datasheet HTML 15Page - STMicroelectronics STUSB4500L Datasheet HTML 16Page - STMicroelectronics STUSB4500L Datasheet HTML 17Page - STMicroelectronics STUSB4500L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
5
Start-up configuration
5.1
User-defined parameters
The STUSB4500L has a set of user-defined parameters that can be customized by NVM re-programming through
the I2C interface. This feature allows the customer to change the preset configuration of the USB Type-C interface
and to define a new configuration to meet specific application requirements addressing various use cases, or
specific implementations.
The NVM re-programming overrides the initial default setting to define a new default setting that is used at power-
up or after a reset. The default setting is copied at power-up, or after a reset, from the embedded NVM into I2C
registers. The values copied in the I2C registers are used by the STUSB4500L during the system operation.
The NVM re-programming is possible with a customer password. The I2C registers must be re-initialized after
each NVM re-programming to make effective the new parameters setting either through power-off and power-up
sequence, or through reset.
5.2
Default start-up configuration
The table below lists the user-defined parameters and indicates the default start-up configuration of the
STUSB4500L.
Table 13. STUSB4500L user-defined parameters and default settings
Parameter name
Parameter description
Reset
value
(default)
Value
Description
SHIFT_VBUS_HIGH_LIMIT
Coefficient to shift up nominal
VBUS high voltage limit applicable
to 5 V
1010b
(10%)
0000b to
1111b
0% ≤ VSHUSBH ≤ 15% of VBUS by
increment of 1%
Default VSHUSBH = 10%
VBUS_DISCH_TIME_TO_0V
Coefficient used to compute
VBUS discharge time to 0 V
1001b
(9)
0001b to
1111b
1 ≤ TDISPAR0V ≤ 15 by increment
of 1
Unit discharge time: 84 ms (typ.)
Default coefficient TDISPAR0V = 9,
discharge time TDISUSB0V= 756
ms
VBUS_DISCH_DISABLE
VBUSdischarge deactivation on
VBUS_VS_DISCH and DISCH
pins
0b
0b
VBUS discharge enabled
1b
VBUS discharge disabled
GPIO_CFG[1:0]
Selects GPIO pin configuration
(see Section 2.2.9 GPIO )
11b
00b
SW_CTRL_GPIO
01b
ERROR_RECOVERY
10b
DEBUG
11b
SINK_POWER (default)
STUSB4500L
Start-up configuration
DS13102 - Rev 1
page 14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com