Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 16 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics STUSB4500L Datasheet HTML 15Page - STMicroelectronics STUSB4500L Datasheet HTML 16Page - STMicroelectronics STUSB4500L Datasheet HTML 17Page - STMicroelectronics STUSB4500L Datasheet HTML 18Page - STMicroelectronics STUSB4500L Datasheet HTML 19Page - STMicroelectronics STUSB4500L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
6.2
Typical application
Figure 8. Implementation example
GND
A1
Tx+1
A2
Tx-1
A3
Vbus
A4
CC1
A5
D+1
A6
D-1
A7
Sbu1
A8
Vbus
A9
Rx-2
A10
Rx+2
A11
GND
A12
GND
B1
Tx+2
B2
Tx-2
B3
Vbus
B4
CC2
B5
D+2
B6
D-2
B7
Sbu2
B8
Vbus
B9
Rx-1
B10
Rx+1
B11
GND
B12
TYPE C
USB3
J1
USB3-C
GND
GND
VBUS
VBUS
VBUS
VBUS
USB_DP
USB_DM
USB_DM
USB_DP
D2
ESDA25L
CC2
CC1
GND
R1
100K
R3
20K
STL9P3LLH6
C1
1µF
GND
GND
R2
1K
R4
1K
GND
C2
1µF
GND
C3
1µF
GND
2V7
1V2
D1
GND
BatteryCharger
USB_DP
USB_DM
VBUS_SYS
10mH
L1
Inductor
VSYS
100pF
C4
Cap
GND
ILIM _1A5
ILIM_3A0
R5
130
INM _ILIM
R6
130
R10
520
GND
ILIM _1A5
ILIM_3A0
GND
SDA
SCL
MCU
R9
10K
R8
10K
V3V3
V3V3
SDA
SCL
Alert
Alert
R7
10K
OPTIONAL
VSYS
RP_3A 20
VBUS_VS_DISCH 18
A_B_SIDE 17
VBUS_EN_SNK 16
GPIO 15
RP_1A5 14
DISCH 9
VSYS
22
VREG_2V7
23
VREG_1V2
21
SCL
7
SDA
8
ADDR1 13
RESET
6
CC2
4
CC1
2
ATTACH 11
ADDR0 12
Not_Used
3
VDD 24
GND
10
CC1DB
1
CC2DB
5
ALERT 19
U_stusb4500L
STUSB4500L
(Optional)
GND
GPIO can be configured
to flag hardware fault,
if system needs to be
informed
Note:
The STUSB4500L can be connected to an application processor using I²C interface. This connection is optional.
STUSB4500L
Typical application
DS13102 - Rev 1
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com