Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics STUSB4500L Datasheet HTML 10Page - STMicroelectronics STUSB4500L Datasheet HTML 11Page - STMicroelectronics STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics STUSB4500L Datasheet HTML 15Page - STMicroelectronics STUSB4500L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
4
I²C Interface
4.1
Read and write operations
The I²C interface is used to configure, control and read the operation status of the device. It is compatible with the
Philips I²C Bus® (version 2.1). The I²C is a slave serial interface based on two signals:
SCL - serial clock line: input clock used to shift data
SDA - serial data line: input/output bidirectional data transfers
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line supports transfers up to 400 Kbit/s (fast mode). The data are shifted to and from the
chip on the SDA line, MSB first.
The first bit must be high (START) followed by the 7-bit device address and the read/write control bit.
Four 7-bit device address are available for the STUSB4500 thanks to the external programming of DevADDR0
and DevADDR1 bits through ADDR0 and ADDR1 pins setting i.e. 0x28 or 0x29 or 0x2A or 0x2B. It allows four
STUSB4500 devices to be connected on the same I2C bus.
Table 9. Device address format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DevADDR6
DevADDR5
DevADDR4
DevADDR3
DevADDR2
DevADDR1
DevADDR0
R/W
0
1
0
1
0
ADDR1
ADDR0
0/1
Table 10. Register address format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RegADDR7
RegADDR6
RegADDR5
RegADDR4
RegADDR3
RegADDR2
RegADDR1
RegADDR0
Table 11. Register data format
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Figure 4. Read operation
Start
Device addr
7 bits
W A
Reg address
8 bits
A
Restart
Device addr
7 bits
R A
Reg data
8 bits
A
Reg data
8 bits
A
Reg data
8 bits
Stop
Master
Slave
Address
n+1
Address
n+2
Start bit = SDA falling when SCL= 1
Stop bit = SDA rising when SCL= 1
Restart bit = start after a start
Acknowledge = SDA forced low during a SCLclock
STUSB4500L
I²C Interface
DS13102 - Rev 1
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com