Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 5Page - STMicroelectronics STUSB4500L Datasheet HTML 6Page - STMicroelectronics STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics STUSB4500L Datasheet HTML 10Page - STMicroelectronics STUSB4500L Datasheet HTML 11Page - STMicroelectronics STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
3
Description of the features
3.1
CC interface
The STUSB4500L controls the connection to the configuration channel (CC) pins, CC1 and CC2, through two
main blocks: the CC line interface block and the CC control logic block.
The CC line interface block is used to:
Set pull-down termination mode on the CC pins
Monitor the CC pin voltage values related to the attachment detection thresholds
Protect the CC pins against overvoltage
The CC control logic block is used to:
Execute the Type-C FSM related to the sink power role with debug accessory support
Determine the electrical state for each CC pin related to the detected thresholds
Evaluate the conditions related to the CC pin states and the VBUS voltage value to transition from one state
to another in the Type-C FSM
Advertise a valid source-to-sink connection
Determine the identity of the attached device: source or debug accessory
Determine cable orientation to allow external routing of the USB data
Manage USB Type-C power capability on VBUS: USB default, medium or high current mode
Handle hardware faults
3.2
VBUS power path control
3.2.1
VBUS monitoring
The VBUS monitoring block supervises from the VBUS_VS_DISCH input pin the VBUS voltage on the USB Type-C
receptacle side.
It is used to check that VBUS is within a valid voltage range to establish a valid source-to-sink connection and to
enable safely the VBUS power path through the VBUS_EN_SNK pin.
It allows detection of unexpected VBUS voltage conditions such as undervoltage or overvoltage related to the valid
VBUS voltage range. When such conditions occur, the STUSB4500L reacts as follows:
At attachment, it prevents the source-to-sink connection to be established and the VBUS power path to be
asserted
After attachment, it goes into unattached state and it disables the VBUS power path
The valid VBUS voltage range is defined by a low limit VTHUSB and a high limit VMONUSBH (overvoltage condition):
VTHUSB low limit is fixed by hardware at 3.3 V in order to detect a VBUS rising edge (connection) or falling
edge (disconnection)
The minimum value of VMONUSBH is VBUS +5% and can be shifted by fraction of 1% from VBUS+5% to VBUS
+20%. The value is preset by default in the NVM (see Section 7.3 Electrical and timing characteristics) and
can be changed independently through NVM programming (see Section 5 Start-up configuration)
3.2.2
VBUS discharge
The monitoring block also handles the VBUS discharge paths connected to the VBUS_VS_DISCH pin for the USB
Type-C receptacle side and to the DISCH pin for the power system side. The discharge paths are activated at the
same time when disconnection is detected or when the device goes into the error recovery state (see Section
3.5 Hardware fault management ). At detachment, during error recovery state, the discharge is activated for
TDISUSB0V time.
STUSB4500L
Description of the features
DS13102 - Rev 1
page 9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com