Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 3 Page - STMicroelectronics

  STUSB4500L Datasheet HTML 1Page - STMicroelectronics STUSB4500L Datasheet HTML 2Page - STMicroelectronics STUSB4500L Datasheet HTML 3Page - STMicroelectronics STUSB4500L Datasheet HTML 4Page - STMicroelectronics STUSB4500L Datasheet HTML 5Page - STMicroelectronics STUSB4500L Datasheet HTML 6Page - STMicroelectronics STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Inputs/outputs
2.1
Pinout
Figure 2. QFN-24 pin connections (top view)
7
8
9
10
11
12
1 24 23 22 21 20 19
18
17
16
15
14
13
CC1DB
CC1
CC2
CC2DB
NU
VBUS_VS_DISCH
A_B_SIDE
GPIO
RP_1A5
ADDR1
RESET
VBUS_EN_SNK
EP
2
3
4
5
6
Figure 3. WLCSP-25 pin connections (top view)
VBUS_VS
_DISCH
RP_3A
VREG
_1V2
VREG
_2V7
VDD
VSYS
ALERT
-
CC1DB
CC1
VBUS_
EN_SNK
A_B_
SIDE
-
CC2DB
CC2
GPIO
ADDR1
ADDR0
RESET
SCL
RP_1A5
ATTACH
GND
DISCH
SDA
1
2
3
4
5
A
B
C
D
E
STUSB4500L
Inputs/outputs
DS13102 - Rev 1
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com