Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics STUSB4500L Datasheet HTML 10Page - STMicroelectronics STUSB4500L Datasheet HTML 11Page - STMicroelectronics STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics STUSB4500L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
The error recovery state is equivalent to force a detach event. When entering this state, the device de-asserts the
VBUS power path by disabling the VBUS_EN_SNK, RP_3A and RP_1A5 pins, and it removes the terminations
from the CC pins. Then, it transitions to the unattached state.
The STUSB4500L goes into error recovery state when at least one condition listed below is met:
If an overtemperature is detected (junction temperature above maximum TJ)
If an overvoltage is detected on the CC pins (voltage on CC pins above VOVP)
The detection of a hardware fault is advertised through the GPIO pin when configured in ERROR_RECOVERY
mode.
See Section 7 Electrical characteristics for threshold values.
3.6
Debug accessory mode detection
The STUSB4500L detects a connection to a debug and test system (DTS) as defined in the USB Type-C
standard specification. The debug accessory detection is advertised through the GPIO pin when configured in
DEBUG mode.
A debug accessory device is detected when both the CC1 and CC2 pins are pulled up by an Rp resistor from the
connected device. The voltage levels on the CC1 and CC2 pins give the orientation and current capability as
described in the table below. The GPIO pin configured in DEBUG mode is asserted to advertise the DTS
detection and the A_B_SIDE pin indicates the orientation of the connection.
Table 8. Orientation and current capability detection in sink power role
#
CC1 pin
(CC2 pin)
CC2 pin
(CC1 pin)
Charging current
configuration
A_B_SIDE pin
CC1/CC2
(CC2/CC1)
1
Rp 3 A
Rp 1.5 A
Default
Hi-Z (0)
2
Rp 1.5 A
Rp default
1.5 A
Hi-Z (0)
3
Rp 3 A
Rp default
3.0 A
Hi-Z (0)
4
Rp
def/1.5 A/3 A
Rp
def/1.5 A/3 A
Default
Hi-Z (Hi-Z)
STUSB4500L
Debug accessory mode detection
DS13102 - Rev 1
page 11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com