Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB4500L Datasheet HTML 1Page - STMicroelectronics STUSB4500L Datasheet HTML 2Page - STMicroelectronics STUSB4500L Datasheet HTML 3Page - STMicroelectronics STUSB4500L Datasheet HTML 4Page - STMicroelectronics STUSB4500L Datasheet HTML 5Page - STMicroelectronics STUSB4500L Datasheet HTML 6Page - STMicroelectronics STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
•
Auto-run Type-C™ sink controller
•
Dead battery mode support
•
Integrated VBUS switch gate drivers (PMOS)
•
Integrated VBUS voltage monitoring
•
Short-to-VBUS protections on CC pins
•
High voltage capability on VBUS pins
•
VBUS powered:
–
Zero consumption on local battery or application
–
VDD = [4.1 V; 22 V]
•
Temperature range: -40 °C up to 105 °C
•
ESD: 3 kV HBM - 1.5 kV CDM
•
Certified:
–
USB Type-C™ rev 1.4
–
Power sinking device (TID #1455)
Applications
•
Printers, camcorders, cameras
•
IoT, drones, accessories and battery powered devices
•
Computer accessories (keyboards, mouse)
•
Toys, gaming, POS, scanner, LED lighting
•
Healthcare, e-cigarettes, handheld devices
•
USB accessories
•
5 V DC barrel, USB STD-B and micro-B replacement
•
Any 5 V Type-C sink device
Description
The STUSB4500L is a USB Type-C controller that addresses sink devices.
This device supports dead battery mode and is suited for sink devices powered from
dead battery state. It is able to operate without any external software support for
quick application power-on and immediate charging process start. At type-C
connection, the STUSB4500L seeks CC pin for SOURCE termination and monitors
VBUS voltage in order to protect the application from an incorrect SOURCE operation.
When VBUS is within the appropriate range, the STUSB4500L powers the application
by closing the input switch. The available current advertised by the SOURCE is
reported to the application in order to align the sinking current. Port status can be
optionally monitored by the software through I²C interface.
Thanks to its 20 V technology, it implements high voltage features to protect the CC
pins against short-circuits to VBUS.
Product status link
STUSB4500L
Product summary
Order code
STUSB4500LQTR
STUSB4500LBJR
Description
Standalone USB
Type-C controller
(auto-run mode)
Package
QFN-24 EP (4x4)
WLCSP-25
(2.6x2.6x0.5)
Marking
4500L
Standalone USB Type-C™ sink port controller
STUSB4500L
Datasheet
DS13102 - Rev 1 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STUSB4500L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
4Mb / 4P
Fast and easy migration from DC barrel to Type-C
14-Sep-2020
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
STUSB4500BJR STMICROELECTRONICS-STUSB4500BJR Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4500QTR STMICROELECTRONICS-STUSB4500QTR Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
More results

Similar Description - STUSB4500L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com