Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 19 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 15Page - STMicroelectronics STUSB4500L Datasheet HTML 16Page - STMicroelectronics STUSB4500L Datasheet HTML 17Page - STMicroelectronics STUSB4500L Datasheet HTML 18Page - STMicroelectronics STUSB4500L Datasheet HTML 19Page - STMicroelectronics STUSB4500L Datasheet HTML 20Page - STMicroelectronics STUSB4500L Datasheet HTML 21Page - STMicroelectronics STUSB4500L Datasheet HTML 22Page - STMicroelectronics STUSB4500L Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
7.3
Electrical and timing characteristics
Unless otherwise specified: VDD = 5 V, TA = 25 °C, all voltages are referenced to GND.
Table 16. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDD (SNK)
Current consumption
Device connected to VBUS
VDD @ VBUS level
110
160
210
µA
TLOAD
I2C registers loading time
from NVM
At power-up or after a reset
30
ms
CC1 and CC2 pins
Rd
CC pull-down resistors
-40 °C < TA < +105 °C
-10%
5.1
+10%
RINCC
CC input impedance
Terminations off
200
VTH0.2
Detection threshold 1
Min. IP-USB detection by sink on Rd, min
CC voltage for connected sink
0.15
0.20
0.25
V
VTH0.66
Detection threshold 2
Min. I P_1.5 detection by sink on Rd
0.61
0.66
0.71
V
VTH1.23
Detection threshold 3
Min. I P_3.0 detection by sink on Rd
1.16
1.23
1.31
V
VTH2.6
Detection threshold 4
Max. CC voltage for connected sink
2.45
2.60
2.75
V
VOVP
Overvoltage protection on
CC pins
5.82
6
6.18
V
VBUS_VS_DISCH pin monitoring and driving
VTHUSB
VBUS disconnection
threshold
VDD@ 5 V
3.2
3.3
3.4
V
IDISUSB
VBUS discharge current
Through external resistor connected to
VBUS_VS_DISCH pin
50
mA
TDISUSB0V
VBUS discharge time to 0
V
At detachment, during error recovery
state.
Coefficient TDISPAR0V programmable by
NVM,
Default TDISPAR0V = 9, TDISUSB0V = 756
ms
70
*TDISPAR0V
84
*TDISPAR0V
100
*TDISPAR0V
ms
VMONUSBH
VBUS monitoring high
voltage limit
VBUS+5% is nominal high voltage limit,
Shift coefficient VSHUSBH is
programmable by NVM from 0% to 15%
of VBUS by step of 1%
Default
VSHUSBH = 10%, VMONUSBH = VBUS
+15%
VBUS+5%
+VSHUSBH
V
DISCH pin driving
IDISPWR
Power system discharge
current
Through external resistor connected to
DISCH pin
500
mA
Digital input/output (SCL, SDA, ALERT, RESET, ATTACH, A_B_SIDE, RP_1A5, GPIO, ADDR0, ADDR1)
VIH
High level input voltage
1.2
V
VIL
Low level input voltage
0.35
V
VOL
Low level output voltage
Ioh = 3 mA
0.4
V
STUSB4500L
Electrical and timing characteristics
DS13102 - Rev 1
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com