Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 11Page - STMicroelectronics STUSB4500L Datasheet HTML 12Page - STMicroelectronics STUSB4500L Datasheet HTML 13Page - STMicroelectronics STUSB4500L Datasheet HTML 14Page - STMicroelectronics STUSB4500L Datasheet HTML 15Page - STMicroelectronics STUSB4500L Datasheet HTML 16Page - STMicroelectronics STUSB4500L Datasheet HTML 17Page - STMicroelectronics STUSB4500L Datasheet HTML 18Page - STMicroelectronics STUSB4500L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
6
Application
The sections below are not part of the ST product specifications. They are intended to give a generic application
overview to be used by the customer as a starting point for further implementation and customization. ST does
not warrant compliance with customer specifications. Full system implementation and validation are under the
customer’s responsibility.
6.1
General information
6.1.1
Power supplies
The STUSB4500L can be supplied in three different ways depending on the targeted application:
Through the VDD pin only for applications powered by VBUS that operate with dead battery mode support
Through the VSYS pin only for AC powered applications with a system power supply delivering from 3.3 V
up to 5 V
Through the VDD and VSYS pins either for applications powered by a battery with dead battery mode
support or for applications powered by VBUS with a system power supply delivering 3.3 V or 5 V. When both
VDD and VSYS power supplies are present, the low power supply VSYS is selected when VSYS voltage is
above 3.1 V. Otherwise VDD is selected
When possible, please prefer VDD supply only, and connect it to VBUS in order to minimize application power
consumption. In this case, VSYS is not used and must be connected to GND.
6.1.2
Connection to MCU or application processor
The STUSB4500L connection to an MCU or an application processor is optional. However, an I²C interface with
an interrupt allows a simple connection to most of MCU and SOC of the market.
When a connection through the I²C interface is implemented, it provides an extensive functionality during the
system operation. For instance, it may be used to:
1.
Define the port configuration during system boot (in case the NVM parameters are not customized during
manufacturing)
2.
Provide a diagnostic of the Type-C connection in real time
At power-up or after a reset, the first software access to the I2C registers of the STUSB4500L can be done only
after TLOAD as shown in the figure below. TLOAD corresponds to the time required to initialize the I2C registers with
the default values from the embedded NVM. At power-up, the loading phase starts when the voltage level on the
VREG_1V2 output pin of the 1.2 V internal regulator reaches 1.08 V to release the internal POR signal. After a
reset, the loading phase starts when the signal on the RESET pin is released.
Figure 7. I2C register initialization sequence at power-up or after a reset
Power On Reset
I2C registers loading from NVM
I2C access
TLOAD
VSYS or VDD
VREG_1V2
POR
I2C (SCL,SDA)
1.08 V
Reset
I2C registers loading from NVM
I2C access
TLOAD
VSYS or VDD
VREG_1V2
RESET
I2C (SCL,SDA)
At power-up
After a reset
STUSB4500L
Application
DS13102 - Rev 1
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com