Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 24 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 20Page - STMicroelectronics STUSB4500L Datasheet HTML 21Page - STMicroelectronics STUSB4500L Datasheet HTML 22Page - STMicroelectronics STUSB4500L Datasheet HTML 23Page - STMicroelectronics STUSB4500L Datasheet HTML 24Page - STMicroelectronics STUSB4500L Datasheet HTML 25Page - STMicroelectronics STUSB4500L Datasheet HTML 26Page - STMicroelectronics STUSB4500L Datasheet HTML 27Page - STMicroelectronics STUSB4500L Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Table 18. WLCSP (2.6x2.6x0.5) package mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.456
0.50
0.544
A1
0.179
195
0.211
A2
0.255
0.28
0.305
A3
0.022
0.025
0.028
E
2.563
2.593
2.623
D
2.563
2.593
2.623
E1
1.6 BSC
D1
1.6 BSC
e
0.4 BSC
b
0.245
0.295
n
25
Tolerance of form and position
aaa
0.03
bbb
0.06
ccc
0.05
ddd
0.015
Note:
WLCSP stands for wafer level chip scale package. The typical ball diameter before mounting is 0.25 mm. The
terminal A1 corner must be identified on the top surface by using a laser marking dot.
8.3
Thermal information
Table 19. Thermal information
Symbol
Parameter
Value
Unit
RθJA
Junction-to-ambient thermal
resistance
37
°C/W
RθJC
Junction-to-case thermal
resistance
5
STUSB4500L
Thermal information
DS13102 - Rev 1
page 24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com