Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 4 Page - STMicroelectronics

  STUSB4500L Datasheet HTML 1Page - STMicroelectronics STUSB4500L Datasheet HTML 2Page - STMicroelectronics STUSB4500L Datasheet HTML 3Page - STMicroelectronics STUSB4500L Datasheet HTML 4Page - STMicroelectronics STUSB4500L Datasheet HTML 5Page - STMicroelectronics STUSB4500L Datasheet HTML 6Page - STMicroelectronics STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Table 1. Pin function list
QFN
CSP
Name
Type
Description
Typical connection
1
B4
CC1DB
HV AIO
Dead battery enable on CC1 pin
To CC1 pin if used or ground
2
B5
CC1
HV AIO
Type-C configuration channel 1
To Type-C receptacle A5
3
B3, C3
NU
-
-
To ground
4
C5
CC2
HV AIO
Type-C configuration channel 2
To Type-C receptacle B5
5
C4
CC2DB
HV AIO
Dead battery enable on CC2 pin
To CC2 pin if used or ground
6
D4
RESET
DI
Reset input, active high
From system
7
D5
SCL
DI
I2C clock input
To I²C master, ext. pull-up or
floating (if not used
8
E5
SDA
DI/OD
I2C data input/output, active low open drain To I²C master, ext. pull-up or
floating (if not used
9
E4
DISCH
HV AI/OD
Internal discharge path or external
discharge path enable, active low open
drain
From power system (internal
path) or to the discharge path
switch (external path), ext. pull-
up
10
E3
GND
GND
Ground
Ground
11
E2
ATTACH
OD
Attachment detection, active low open
drain
To MCU if any, ext. pull-up
12
D3
ADDR0
DI
I²C device address setting
Static, to ground or ext. pull-up
for address selection,
to ground if no connection to
MCU
13
D2
ADDR1
DI
I²C device address setting
Static, to ground or ext. pull-up
for address selection,
to ground if no connection to
MCU
14
E1
RP_1A5
OD
1.5 A source flag, active low open drain
To power system, ext. pull-up
15
D1
GPIO
OD
General purpose output, active low open
drain
To system, ext. pull-up
16
C1
VBUS_EN_SNK
HV OD
VBUS sink power path enable, active low
open drain
To power switch or to power
system, ext. pull-up
17
C2
A_B_SIDE
OD
Cable orientation, active low open drain
USB super speed MUX select,
ext. pull-up
18
A1
VBUS_VS_DISCH
HV AI
VBUS voltage monitoring and discharge
path
From VBUS, receptacle side
19
B2
ALERT
OD
I2C interrupt, active low open drain
To I²C master, ext. pull-up
20
A2
RP_3A
HV OD
3 A source flag, active low open drain
To power switch or to power
system, ext. pull-up
21
A3
VREG_1V2
PWR
1.2 V internal regulator output
1 µF typ. decoupling capacitor
22
B1
VSYS
PWR
Power supply from system
From power system, connect
to ground if not used
23
A4
VREG_2V7
PWR
2.7 V internal regulator output
1 µF typ. decoupling capacitor
24
A5
VDD
HV PWR
Power supply from USB power line
From VBUS, receptacle side
EP
-
EP
GND
Exposed pad is connected to ground
To ground
STUSB4500L
Pinout
DS13102 - Rev 1
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com