Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STUSB4500L
Description  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 3Page - STMicroelectronics STUSB4500L Datasheet HTML 4Page - STMicroelectronics STUSB4500L Datasheet HTML 5Page - STMicroelectronics STUSB4500L Datasheet HTML 6Page - STMicroelectronics STUSB4500L Datasheet HTML 7Page - STMicroelectronics STUSB4500L Datasheet HTML 8Page - STMicroelectronics STUSB4500L Datasheet HTML 9Page - STMicroelectronics STUSB4500L Datasheet HTML 10Page - STMicroelectronics STUSB4500L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
2.2.9
GPIO
This pin is an active low open drain output that can be configured by NVM as per table below (see Section
5 Start-up configuration).
Table 5. GPIO pin configuration
NVM parameter
GPIO_CFG[1:0]
Pin name
Pin function
Value
Description
00b
SW_CTRL_GPIO
Software controlled GPIO.
The output state is defined by
the value of I2C register bit #0
at address 2Dh
Hi-Z
When bit #0 value is 0b (at start-up)
0
When bit #0 value is 1b
01b
ERROR_RECOVERY
Hardware fault detection
(see Section 3.5 Hardware
fault management)
Hi-Z
No hardware fault detected
0
Hardware fault detected
10b
DEBUG
Debug accessory detection
(see Section 3.6 Debug
accessory mode detection)
Hi-Z
No debug accessory detected
0
Debug accessory detected
11b
(default)
SINK_POWER
Indicates USB Type-C current
capability advertised by the
source
Hi-Z
Source supplies default or 1.5 A USB
Type-C current at 5 V
0
Source supplies 3.0 A USB Type-C
current at 5 V
2.2.10
VBUS_EN_SNK
This pin allows the incoming VBUS power from the USB Type-C receptacle to be enabled when a source is
connected according to different operating conditions stated in the table below. VBUS_EN_SNK pin is a high
voltage open drain output that allows a PMOS transistor to be directly driven to enable the VBUS power path.
2.2.11
A_B_SIDE
This output pin provides the cable orientation. It is used to establish USB SuperSpeed signal routing. This signal
is not required in case of USB 2.0 support.
Table 6. USB data MUX select
Value
Description
HiZ
CC1 pin is attached to CC line
0
CC2 pin is attached to CC line
2.2.12
VBUS_VS_DISCH
This input pin is used to sense VBUS presence, monitor VBUS voltage, and discharge VBUS from the USB Type-C
receptacle side.
A serial resistor connected to the pin must be used to limit the discharge current through the pin. Maximum
discharge current is 50 mA.
The discharge is activated automatically during cable disconnection, and error recovery state. The discharge time
is programmable by NVM (see Section 5 Start-up configuration).
2.2.13
VREG_1V2
This pin is used only for external decoupling of the 1.2 V internal regulator. The recommended decoupling
capacitor is: 1 µF typ. (0.5 µF min., 10 µF max.)
2.2.14
VSYS
This is the low power supply from the system, if there is any. It can be connected directly to a single cell Lithium
battery or to the system power supply delivering 3.3 V up to 5 V. It is recommended to connect the pin to ground
when it is not used.
STUSB4500L
Pin description
DS13102 - Rev 1
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com