Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 4Page - STMicroelectronics STUSB4500 Datasheet HTML 5Page - STMicroelectronics STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
When a new PDO is negotiated upon source request, the active POWER_OK pin is disabled (Hi-Z) when the
STUSB4500 sends an RDO (request data object) message to the source with the new negotiated PDO
At detachment the POWER_OK pins remain enabled (if already asserted), whereas VBUS_EN_SNK is
disabled (Hi-Z) to deactivate the VBUS power path from the USB Type-C receptacle. The POWER_OK pins
state is reinitialized (Hi-Z) after new attachment or after a reset
2.2.9
GPIO
This pin is an active low open drain output that can be configured by NVM as per table below (see Section
5 Start-up configuration).
Table 5. GPIO pin configuration
NVM parameter
GPIO_CFG[1:0]
Pin name
Pin function
Value
Description
00b
SW_CTRL_GPIO
Software controlled GPIO.
The output state is defined by
the value of I2C register bit #0
at address 2Dh
Hi-Z
When bit #0 value is 0b (at start-up)
0
When bit #0 value is 1b
01b
(default)
ERROR_RECOVERY
Hardware fault detection
(see Section 3.7 Hardware
fault management)
Hi-Z
No hardware fault detected
0
Hardware fault detected
10b
DEBUG
Debug accessory detection
(see Section 3.8 Debug
accessory mode detection)
Hi-Z
No debug accessory detected
0
Debug accessory detected
11b
SINK_POWER
Indicates USB Type-C current
capability advertised by the
source
Hi-Z
Source supplies default or 1.5 A USB
Type-C current at 5 V
0
Source supplies 3.0 A USB Type-C
current at 5 V
2.2.10
VBUS_EN_SNK
This pin allows the incoming VBUS power from the USB Type-C receptacle to be enabled when a source is
connected according to different operating conditions stated in the table below. The default behavior of the pin
can be changed by NVM programming (see Section 5 Start-up configuration).
Table 6. VBUS_EN_SNK pin configuration
NVM parameter
POWER_ONLY
_ABOVE_5V
Pin function
Value
Description
Comment
0b
(default)
Enables VBUS power path
when source attached
whatever VBUS voltage (5 V or
any PDO voltage)
Hi-Z
No source attached
Valid for all
POWER_OK pin
configurations 1, 2
and 3
0
Source attached
1b
Enables VBUS power path only
when source attached and
VBUS voltage negotiated to
PDO2 or PDO3 voltage
Hi-Z
No source attached or no PD explicit
contract with PDO2 or PDO3
0
Source attached and PD explicit
contract with PDO2 or PDO3
When POWER_ONLY_ABOVE_5V bit is set to logic level high, the VBUS_EN_SNK pin is asserted only when a
PDO2 or PDO3 explicit contract is established with the source (see Section 3.3 Auto-run mode).
STUSB4500
Pin description
DS12499 - Rev 2
page 8/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com