Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics STUSB4500 Datasheet HTML 15Page - STMicroelectronics STUSB4500 Datasheet HTML 16Page - STMicroelectronics STUSB4500 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
The valid VBUS voltage range is defined by a high limit VMONUSBH and a low limit that can take as value either
VTHUSB or VMONUSBL depending on system operation and VBUS voltage.
VTHUSB low limit is fixed by hardware at 3.3 V. It corresponds to the undervoltage condition to detect a VBUS
disconnection when VBUS voltage is at 5 V (USB Type-C or PDO1). The nominal value of VMONUSBL is VBUS-5%.
The low limit value can be shifted by fraction of VBUS from -1% to -15%. The nominal value of VMONUSBH is VBUS
+5%. The high limit value can be shifted independently by fraction of VBUS from +1% to +15%. It means the
threshold limits can vary from VBUS-5% to VBUS-20% for the low limit and from VBUS+5% to VBUS+20% for the
high limit.
At attachment, the valid VBUS voltage range is defined by VMONUSBH and VMONUSBL limits to establish a valid
source-to-sink connection. After attachment and during system operations, the valid VBUS voltage range is
automatically adjusted to VMONUSBH and VTHUSB limits when VBUS voltage is at 5 V (USB Type-C or PDO1), or to
VMONUSBH and VMONUSBL limits when VBUS operates under PDO2 or PDO3 voltage.
The VBUS voltage value is automatically adjusted to 5 V (USB Type-C) at attachment and to the negotiated PDO
voltage after PDO transition. During each PDO transition, the VBUS monitoring is disabled for tSrcReady (285 ms
max.) as per USB PD standard specifications. Then the new limits applicable to the negotiated PDO voltage are
monitored.
The threshold limits are preset by default in the NVM with different shift coefficients (see Section 7.3 Electrical and
timing characteristics). The threshold limits can be changed independently through NVM programming (see
Section 5 Start-up configuration).
3.4.2
VBUS discharge
The monitoring block also handles the VBUS discharge paths connected to the VBUS_VS_DISCH pin for the USB
Type-C receptacle side and to the DISCH pin for the power system side. The discharge paths are activated at the
same time when disconnection is detected, during transition to a lower PDO voltage, when a hard reset is
performed or when the device goes into the error recovery state (see Section 3.7 Hardware fault management).
At detachment, during error recovery state or hard reset, the discharge is activated for TDISUSB0V time. During
transition to a lower PDO voltage, the discharge is activated for TDISUSBPDO time.
The discharge time durations are also preset by default in the NVM (see Section 7.3 Electrical and timing
characteristics). The discharge time durations can be changed through NVM programming (see Section 5 Start-
up configuration).
The VBUS discharge feature is enabled by default in the NVM and can be disabled through NVM programming
(see Section 5 Start-up configuration).
3.4.3
VBUS power path assertion
The STUSB4500 can control the assertion of the VBUS power path from the USB Type-C receptacle, directly or
indirectly, through the VBUS_EN_SNK pin.
The table below summarizes the operating conditions that determine the electrical value of the VBUS_EN_SNK
pin during system operation.
STUSB4500
VBUS power path control
DS12499 - Rev 2
page 13/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com