Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 23Page - STMicroelectronics STUSB4500 Datasheet HTML 24Page - STMicroelectronics STUSB4500 Datasheet HTML 25Page - STMicroelectronics STUSB4500 Datasheet HTML 26Page - STMicroelectronics STUSB4500 Datasheet HTML 27Page - STMicroelectronics STUSB4500 Datasheet HTML 28Page - STMicroelectronics STUSB4500 Datasheet HTML 29Page - STMicroelectronics STUSB4500 Datasheet HTML 30Page - STMicroelectronics STUSB4500 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
7.3
Electrical and timing characteristics
Unless otherwise specified: VDD = 5 V, TA = 25 °C, all voltages are referenced to GND.
Table 22. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDD (SNK)
Current consumption
Device idle as a SINK
(not connected, no communication)
VSYS @ 3.3 V
VDD @ 5.0 V
115
110
140
160
165
210
µA
µA
TLOAD
I2C registers loading
time from NVM
At power-up or after a reset
30
ms
CC1 and CC2 pins
Rd
CC pull-down
resistors
-40 °C < TA < +105 °C
-10%
5.1
+10%
RINCC
CC input impedance
Terminations off
200
VTH0.2
Detection threshold 1
Min. IP-USB detection by sink on Rd,
min CC voltage for connected sink
0.15
0.20
0.25
V
VTH0.66
Detection threshold 2 Min. I P_1.5 detection by sink on Rd
0.61
0.66
0.71
V
VTH1.23
Detection threshold 3 Min. I P_3.0 detection by sink on Rd
1.16
1.23
1.31
V
VTH2.6
Detection threshold 4 Max. CC voltage for connected sink
2.45
2.60
2.75
V
VOVP
Overvoltage
protection on CC pins
5.82
6
6.18
V
VBUS_VS_DISCH pin monitoring and driving
VTHUSB
VBUS disconnection
threshold (5 V USB
Type-C or PDO1
selected)
VSYS = 3.0 to 5.5 V
3.2
3.3
3.4
V
VTH0V
VBUS safe 0 V
threshold (vSafe0V)
VSYS = 3.0 to 5.5 V
0.5
0.6
0.7
V
IDISUSB
VBUS discharge
current
Through external resistor connected to
VBUS_VS_DISCH pin
50
mA
TDISUSB0V
VBUS discharge time
to 0 V
At detachment, during error recovery
state or hard reset,
Coefficient TDISPAR0V programmable
by NVM,
Default TDISPAR0V = 9, TDISUSB0V =
756 ms
70
*TDISPAR0V
84
*TDISPAR0V
100
*TDISPAR0V
ms
TDISUSBPDO
VBUS transition
discharge time to new
PDO
At transition to a lower PDO voltage,
Coefficient TDISPARPDO programmable
by NVM,
Default TDISPARPDO = 12, TDISUSBPDO
= 288 ms
20
*TDISPARPDO
24
*TDISPARPDO
28
*TDISPARPDO
ms
STUSB4500
Electrical and timing characteristics
DS12499 - Rev 2
page 27/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com