Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics STUSB4500 Datasheet HTML 15Page - STMicroelectronics STUSB4500 Datasheet HTML 16Page - STMicroelectronics STUSB4500 Datasheet HTML 17Page - STMicroelectronics STUSB4500 Datasheet HTML 18Page - STMicroelectronics STUSB4500 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
3.6
High voltage protections
The STUSB4500 can be safely used in systems or connected to systems that handle high voltage on the VBUS
power path. The device integrates an internal circuitry on the CC pins that tolerates high voltage and ensures
protection up to 22 V in case of unexpected short-circuits with the VBUS or in case of a connection to a device
supplying high voltage on the VBUS.
3.7
Hardware fault management
The STUSB4500 handles during system operation some pre-identified hardware fault conditions. When such
conditions happen, the circuit goes into a transient error recovery state named ErrorRecovery in the Type-C FSM
as defined in the USB Type-C standard specifications.
The error recovery state is equivalent to force a detach event. When entering in this state, the device de-asserts
the VBUS power path by disabling the VBUS_EN_SNK, POWER_OK2 and POWER_OK3 pins, and it removes the
terminations from the CC pins during several tens of milliseconds. Then, it transitions to the unattached state.
The STUSB4500 goes into error recovery state when at least one condition listed below is met:
If an overtemperature is detected (junction temperature above maximum TJ)
If an overvoltage is detected on the CC pins (voltage on CC pins above VOVP)
If after a hard reset the power delivery communication with the source is broken
The detection of a hardware fault is advertised through the GPIO pin when configured in ERROR_RECOVERY
mode.
See Section 7 Electrical characteristics for threshold values.
3.8
Debug accessory mode detection
The STUSB4500 detects a connection to a debug and test system (DTS) as defined in the USB Type-C standard
specification. The debug accessory detection is advertised through the GPIO pin when configured in DEBUG
mode.
A debug accessory device is detected when both the CC1 and CC2 pins are pulled up by an Rp resistor from the
connected device. The voltage levels on the CC1 and CC2 pins give the orientation and current capability as
described in the table below. The GPIO pin configured in DEBUG mode is asserted to advertise the DTS
detection and the A_B_SIDE pin indicates the orientation of the connection.
Table 11. Orientation and current capability detection in sink power role
#
CC1 pin
(CC2 pin)
CC2 pin
(CC1 pin)
Charging current
configuration
A_B_SIDE pin
CC1/CC2
(CC2/CC1)
1
Rp 3 A
Rp 1.5 A
Default
Hi-Z (0)
2
Rp 1.5 A
Rp default
1.5 A
Hi-Z (0)
3
Rp 3 A
Rp default
3.0 A
Hi-Z (0)
4
Rp
def/1.5 A/3 A
Rp
def/1.5 A/3 A
Default
Hi-Z (Hi-Z)
STUSB4500
High voltage protections
DS12499 - Rev 2
page 15/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com