Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
3
Description of features
3.1
CC interface
The STUSB4500 controls the connection to the configuration channel (CC) pins, CC1 and CC2, through two main
blocks: the CC line interface block and the CC control logic block.
The CC line interface block is used to:
Set pull-down termination mode on the CC pins
Monitor the CC pin voltage values related to the attachment detection thresholds
Protect the CC pins against overvoltage
The CC control logic block is used to:
Execute the Type-C FSM related to the sink power role with debug accessory support
Determine the electrical state for each CC pin related to the detected thresholds
Evaluate the conditions relative to the CC pin states and the VBUS voltage value to transition from one state
to another in the Type-C FSM
Advertise a valid source-to-sink connection
Determine the attached device mode: source or debug accessory
Determine cable orientation to allow external routing of the USB data
Manage USB Type-C power capability on VBUS: USB default, medium or high current mode
Handle hardware faults
3.2
Power delivery blocks
3.2.1
Physical layer
The physical layer defines the signaling technology for USB power delivery. It is the physical link between CC pins
and protocol layer. In Tx mode, it receives packet data from the protocol layer, calculates and appends a CRC,
encodes the payload (i.e. packet data and CRC) and transmits the packet (i.e. preamble, SOP, payload, CRC and
EOP) using biphase mark coding (i.e. BMC) over CC pins. In Rx mode, it recovers the clock and the data, detects
the SOP, decodes the received data including the CRC, detects the EOP and validates the CRC.
3.2.2
Protocol layer
The protocol layer has the responsibility to manage the messages from/to the physical layer. It automatically
manages the protocol receive timeouts, the message counter, the retry counter and the GoodCRC messages.
It communicates with the internal policy engine.
3.2.3
Policy engine
The policy engine implements the power negotiation with the connected device according to its sink role. It
implements all state machines controlling the protocol layer that forms and schedules the messages.
The policy engine uses the protocol layer to send/receive messages.
The policy engine interprets the device policy manager’s input in order to implement policy for port and directs the
protocol layer to send appropriate messages.
3.2.4
Device policy manager
The device policy manager deals with the power capability request and change management. It operates
according to the decision algorithm described in the following section.
STUSB4500
Description of the features
DS12499 - Rev 2
page 10/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com