Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics STUSB4500 Datasheet HTML 15Page - STMicroelectronics STUSB4500 Datasheet HTML 16Page - STMicroelectronics STUSB4500 Datasheet HTML 17Page - STMicroelectronics STUSB4500 Datasheet HTML 18Page - STMicroelectronics STUSB4500 Datasheet HTML 19Page - STMicroelectronics STUSB4500 Datasheet HTML 20Page - STMicroelectronics STUSB4500 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Figure 5. Write operation
Start
Device addr
7 bits
W A
Reg address
8 bits
A
Reg data
8 bits
A
Reg data
8 bits
A
Reg data
8 bits
A
Stop
Address
n+1
Address
n+2
Start bit = SDA falling when SCL= 1
Stop bit = SDA rising when SCL= 1
Restart bit = start after a start
4.2
Timing specifications
The device uses a standard slave I²C channel at speed up to 400 kHz.
Table 15. I²C timing parameters - VDD = 5 V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fscl
SCL clock frequency
0
-
400
kHz
thd,sta
Hold time (repeated) START
condition
0.6
-
μs
tlow
LOW period of the SCL clock
1.3
-
thigh
HIGH period of the SCL clock
0.6
-
tsu,dat
Setup time for repeated START
condition
0.6
-
thd,dat
Data hold time
0.04
0.9
tsu,dat
Data setup time
100
-
tr
Rise time of both SDA and SCL
signals
20 + 0.1 Cb
300
ns
tf
Fall time of both SDA and SCL
signals
20 + 0.1 Cb
300
tsu,sto
Set-up time for STOP condition
0.6
-
μs
tbuf
Bus free time between a STOP
and START condition
1.3
-
Cb
Capacitive load for each bus line
-
400
pF
Figure 6. I²C timing diagram
SDA
SCL
Vih
Vil
tf
thd,sta
tlow
thd,dat
tr
tsu,sto
thigh
tsu,dat
STUSB4500
Timing specifications
DS12499 - Rev 2
page 17/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com