Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB4500 Datasheet HTML 1Page - STMicroelectronics STUSB4500 Datasheet HTML 2Page - STMicroelectronics STUSB4500 Datasheet HTML 3Page - STMicroelectronics STUSB4500 Datasheet HTML 4Page - STMicroelectronics STUSB4500 Datasheet HTML 5Page - STMicroelectronics STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Features
Auto-run Type-C™ and USB PD sink controller
Dead battery mode support
Up to 3 sink PDO configurable profiles
Dual high power charging path support
Integrated VBUS switch gate drivers (PMOS)
Integrated VBUS voltage monitoring
Internal and/or external VBUS discharge paths
Short-to-VBUS protections on CC pins (22 V)
High voltage capability on VBUS pins (28 V)
Dual power supply (VSYS and/or VDD):
VSYS = [3.0 V; 5.5 V]
VDD = [4.1 V; 22 V]
Debug accessory mode support
Temperature range: -40 °C up to 105 °C
ESD: 3 kV HBM - 1.5 kV CDM
Certified:
USB Type-C™ rev 1.2
USB PD rev 2.0 (TID #1000133)
Interoperable with USB PD rev 3.0
Applications
Printers, camcorders, cameras
IoT, drones, accessories and battery powered devices
LED lighting and industrial
Toys, gaming, POS, scanner
Healthcare and handheld devices
Any Type-C sink device
Description
The STUSB4500 is a USB power delivery controller that addresses sink devices. It
implements a proprietary algorithm to allow the negotiation of a power delivery
contract with a source without MCU support (auto-run mode). PDO profiles are
configured in an integrated non-volatile memory.
The device supports dead battery mode and is suited for sink devices powered from
dead battery state and requiring high power charging profile to be fully operational.
Thanks to its 20 V technology, it implements high voltage features to protect the CC
pins against short-circuits to VBUS up to 22 V and to support high voltage on the
VBUS pins directly connected to the VBUS power path up to 28 V.
Product status link
STUSB4500
Device summary
Order code
STUSB4500QTR
STUSB4500BJR
Description
Standalone USB PD
sink controller (auto-run
mode)
Package
QFN-24 EP (4x4)
WLCSP-25
(2.6x2.6x0.5)
Marking
4500
Standalone USB PD sink controller with short-to-VBUS protections
STUSB4500
Datasheet
DS12499 - Rev 2 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STUSB4500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
4Mb / 4P
Fast and easy migration from DC barrel to Type-C
14-Sep-2020
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
STUSB4500LBJR STMICROELECTRONICS-STUSB4500LBJR Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
STUSB4500LQTR STMICROELECTRONICS-STUSB4500LQTR Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
More results

Similar Description - STUSB4500

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN006 AIC-AN006 Datasheet
115Kb / 8P
USB Protections
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
STMicroelectronics
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
STMicroelectronics
STUSB4761 STMICROELECTRONICS-STUSB4761 Datasheet
2Mb / 29P
Standalone USB PD controller with integrated CC/CV for AC/DC applications
08-Sep-2021
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com