Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 2Page - STMicroelectronics STUSB4500 Datasheet HTML 3Page - STMicroelectronics STUSB4500 Datasheet HTML 4Page - STMicroelectronics STUSB4500 Datasheet HTML 5Page - STMicroelectronics STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
2.2.4
I²C interface pins
Table 3. I2C interface pin list
Name
Description
SCL
I²C clock, need external pull-up
SDA
I²C data, need external pull-up
ALERT
I²C interrupt, need external pull-up
ADDR0, ADDR1
I²C device address bits (see Section 4 I²C Interface)
Warning: ADDR0 and ADDR1 pins must be connected to ground when there is no connection to an MCU.
2.2.5
DISCH
This input/output pin can be used to implement a discharge path for highly capacitive VBUS line on power system
side.
When used as input, the discharge is internal and a serial resistor must connected to the pin to limit the discharge
current through the pin. Maximum discharge current is 500 mA.
The pin can be also used as an open drain output to control an external VBUS discharge path when higher
discharge current is required by the application, for instance.
The pin is activated at the same time as the internal discharge path on VBUS_VS_DISCH pin. The discharge is
activated automatically during cable disconnection, transition to a lower PDO voltage, hard reset and error
recovery state. The discharge time is programmable by NVM (see Section 5 Start-up configuration).
2.2.6
GND
Ground.
2.2.7
ATTACH
This pin is asserted when a valid source-to-sink connection is established. It is also asserted when a connection
to a debug accessory device is detected.
STUSB4500
Pin description
DS12499 - Rev 2
page 6/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com