Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics STUSB4500 Datasheet HTML 15Page - STMicroelectronics STUSB4500 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
3.3.3
Requesting maximum source current
Thanks to dedicated NVM bit “REQ_SRC_CURRENT”, the operating current informed in the RDO message,
when a matching PDO is found, can be set either to the current value from the matched sink PDO (default) or to
the current value from the matched source PDO.
Requesting current value from the matched source PDO is useful for a sink that can benefit from higher power
capability than originally required in order to increase its performance. This implies for the source to allocate a
power reserve as stated in the USB PD standard specification.
In case the sink is not able to consume more power than requested, this option must not be used. It avoids
allocating by the source a power reserve that is not used, thus limiting the overall power system optimization.
3.3.4
Decision algorithm application with examples
The following capabilities from the source have been considered to study the negotiation result for different sink
PDO configuration cases with the STUSB4500:
•
SRC_PDO1 = 5 V, 3 A
•
SRC_PDO2 = 9 V, 3 A
•
SRC_PDO3 = 15 V, 2 A
Table 9. Decision algorithm results for different cases
Case
Configured sink capabilities
Result REQ_SRC_CURRENT = 0b
Result REQ_SRC_CURRENT = 1b
1
SNK_PDO2 = 9 V, 2.5 A
SNK_PDO1 = 5 V, 3 A
Match: RDO = 9 V, 2.5 A, 3 A
Not compared
Match: RDO = 9 V, 3 A, 3 A
Not compared
2
SNK_PDO3 = 9.1 V, 2.9 A
SNK_PDO2 = 8.9 V, 2.9 A
SNK_PDO1 = 5 V, 3 A
No match
No match
Match: RDO = 5 V, 3 A, 3 A
No match
No match
Match: RDO = 5 V, 3 A, 3 A
3
SNK_PDO3 = 15 V, 2.1 A
SNK_PDO2 = 9 V, 2.5 A
SNK_PDO1 = 5 V, 3 A
No match
Match: RDO = 9 V, 2.5 A, 3 A
Not compared
No match
Match: RDO = 9 V, 3 A, 3 A
Not compared
4
SNK_PDO3 = 15.1 V, 2 A
SNK_PDO2 = 15 V, 1 A
SNK_PDO1 = 5 V, 3 A
No match
Match: RDO = 15 V, 1 A, 2 A
Not compared
No match
Match: RDO = 15 V, 2 A, 2 A
Not compared
5
SNK_PDO2 = 15 V, 3 A
SNK_PDO3 = 9 V, 1 A
SNK_PDO1 = 5 V, 1 A
No match
Match: RDO = 9 V, 1 A, 3 A
Not compared
No match
Match: RDO = 9 V, 3 A, 3 A
Not compared
3.4
VBUS power path control
3.4.1
VBUS monitoring
The VBUS monitoring block supervises from the VBUS_VS_DISCH input pin the VBUS voltage on the USB Type-C
receptacle side.
It is used to check that VBUS is within a valid voltage range to establish a valid source-to-sink connection and to
enable safely the VBUS power path through the VBUS_EN_SNK pin.
It allows detection of unexpected VBUS voltage conditions such as undervoltage or overvoltage relative to the
valid VBUS voltage range. When such conditions occur, the STUSB4500 reacts as follows:
•
At attachment, it prevents the source-to-sink connection to be established and the VBUS power path to be
asserted
•
After attachment, it goes into unattached state and it disables the VBUS power path
STUSB4500
VBUS power path control
DS12499 - Rev 2
page 12/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com