Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 16Page - STMicroelectronics STUSB4500 Datasheet HTML 17Page - STMicroelectronics STUSB4500 Datasheet HTML 18Page - STMicroelectronics STUSB4500 Datasheet HTML 19Page - STMicroelectronics STUSB4500 Datasheet HTML 20Page - STMicroelectronics STUSB4500 Datasheet HTML 21Page - STMicroelectronics STUSB4500 Datasheet HTML 22Page - STMicroelectronics STUSB4500 Datasheet HTML 23Page - STMicroelectronics STUSB4500 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Parameter name
Parameter description
Reset
value
(default)
Value
Description
VBUS_DISCH_TIME_TO_PDO
Coefficient used to compute
VBUS discharge time when
transitioning to lower PDO
voltage
1100b
(12)
0001b
to
1111b
1 ≤ TDISPARPDO ≤ 15 by increment of 1
Unit discharge time: 24 ms (typ.)
Default coefficient TDISPARPDO = 12,
discharge time TDISUSBPDO = 288 ms
VBUS_DISCH_DISABLE
VBUS discharge deactivation
on VBUS_VS_DISCH and
DISCH pins
0b
0b
VBUS discharge enabled
1b
VBUS discharge disabled
USB_COMM_CAPABLE
USB 2.0 or 3.x data
communication capability by
sink system
0b
0b
Sink does not support data
communication
1b
Sink supports data communication
SNK_UNCONS_POWER
Unconstrained Power bit
setting in capabilities
message sent by the sink
0b
0b
No external source of power
1b
An external source of power is
available and is sufficient to
adequately power the system while
charging external devices
REQ_SRC_CURRENT
In case of match, selects
which operating current from
the sink or the source is to be
requested in the RDO
message
0b
0b
Request I(SNK_PDO) as operating
current in RDO message
1b
Request I(SRC_PDO) as operating
current in RDO message
POWER_OK_CFG[1:0]
Selects POWER_OK pins
configuration
(see Section
2.2.8 POWER_OK2 /
POWER_OK3)
10b
00b
Configuration 1
01b
Not applicable
10b
Configuration 2 (default)
11b
Configuration 3
POWER_ONLY_ABOVE_5V
Selects VBUS_EN_SNK pin
configuration
(see Section
2.2.10 VBUS_EN_SNK)
0b
0b
VBUS_EN_SNK pin enabled when
source attached whatever VBUS
voltage (5 V or any PDO voltage)
1b
VBUS_EN_SNK pin enabled only
when source attached and VBUS
voltage negotiated to PDO2 or PDO3
voltage
GPIO_CFG[1:0]
Selects GPIO pin
configuration
(see Section 2.2.9 GPIO)
01b
00b
SW_CTRL_GPIO
01b
ERROR_RECOVERY
10b
DEBUG
11b
SINK_POWER
STUSB4500
Default start-up configuration
DS12499 - Rev 2
page 20/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com