Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 5Page - STMicroelectronics STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
This feature is suited for sink devices requiring high power charging profile above 5 V to be fully operational (see
Section 6.1.2 Powering a system under high charging profile only).
VBUS_EN_SNK pin is a high voltage open drain output that allows a PMOS transistor to be directly driven to
enable the VBUS power path.
2.2.11
A_B_SIDE
This output pin provides the cable orientation. It is used to establish USB SuperSpeed signal routing. This signal
is not required in case of USB 2.0 support.
Table 7. USB data MUX select
Value
Description
HiZ
CC1 pin is attached to CC line
0
CC2 pin is attached to CC line
2.2.12
VBUS_VS_DISCH
This input pin is used to sense VBUS presence, monitor VBUS voltage, and discharge VBUS from the USB Type-C
receptacle side.
A serial resistor connected to the pin must be used to limit the discharge current through the pin. Maximum
discharge current is 50 mA.
The discharge is activated automatically during cable disconnection, transition to a lower PDO voltage, hard reset
and error recovery state. The discharge time is programmable by NVM (see Section 5 Start-up configuration).
2.2.13
VREG_1V2
This pin is used only for external decoupling of the 1.2 V internal regulator. The recommended decoupling
capacitor is: 1 µF typ. (0.5 µF min., 10 µF max.)
2.2.14
VSYS
This is the low power supply from the system, if there is any. It can be connected directly to a single cell Lithium
battery or to the system power supply delivering 3.3 V or 5 V. It is recommended to connect the pin to ground
when it is not used.
2.2.15
VREG_2V7
This pin is used only for external decoupling of the 2.7 V internal regulator. The recommended decoupling
capacitor is: 1 µF typ. (0.5 µF min., 10 µF max.)
2.2.16
VDD
This is the power supply from the USB power line for applications powered by VBUS.
STUSB4500
Pin description
DS12499 - Rev 2
page 9/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com