Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 18Page - STMicroelectronics STUSB4500 Datasheet HTML 19Page - STMicroelectronics STUSB4500 Datasheet HTML 20Page - STMicroelectronics STUSB4500 Datasheet HTML 21Page - STMicroelectronics STUSB4500 Datasheet HTML 22Page - STMicroelectronics STUSB4500 Datasheet HTML 23Page - STMicroelectronics STUSB4500 Datasheet HTML 24Page - STMicroelectronics STUSB4500 Datasheet HTML 25Page - STMicroelectronics STUSB4500 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
6
Application
The sections below are not part of the ST product specification. They are intended to give a generic application
overview to be used by the customer as a starting point for further implementations and customizations. ST does
not warrant compliance with customer specifications. Full system implementation and validation are under the
customer’s responsibility.
6.1
General information
6.1.1
Power supplies
The STUSB4500 can be supplied in three different ways depending on the targeted application:
Through the VDD pin only for applications powered by VBUS that operate with dead battery mode support
Through the VSYS pin only for AC powered applications with a system power supply delivering 3.3 V or 5 V
Through the VDD and VSYS pins either for applications powered by a battery with dead battery mode
support or for applications powered by VBUS with a system power supply delivering 3.3 V or 5 V. When both
VDD and VSYS power supplies are present, the low power supply VSYS is selected when VSYS voltage is
above 3.1 V. Otherwise VDD is selected
6.1.2
Powering a system under high charging profile only
The STUSB4500 allows the VBUS power path to be enabled through VBUS_EN_SNK pin only when a high power
charging profile above 5 V has been negotiated (PDO2 or PDO3) with the source (see Section 3.3 Auto-run
mode).
This feature can be turned on thanks to NVM bit POWER_ONLY_ABOVE_5V (see Section 5 Start-up
configuration). When the bit value is set to logic level high, the VBUS_EN_SNK pin is asserted only when a PDO2
or PDO3 explicit contract is established with the source (see Section 2.2.10 VBUS_EN_SNK).
In case of mismatch, the VBUS power path remains open while the source provides 5 V on the USB Type-C
receptacle. The source and the sink stay electrically connected through the CC pins. Thus, when the source is
able later to provide power capabilities corresponding to those expected by the sink, a new negotiation is again
possible upon source request. If the PDO negotiation succeeds, the VBUS_EN_SNK pin is asserted which allows
the system to be powered at the negotiated PDO profile.
This feature is suited for sink devices requiring high power charging profile above 5 V to be fully operational.
6.1.3
Connection to MCU or application processor
The STUSB4500 runs as a standalone USB PD sink controller. The connection to an MCU or an application
processor is optional. However, an I²C interface with an interrupt allows simple connection to most of MCU and
SOC of the market.
When a connection through the I²C interface is implemented, it provides extensive functionality during the system
operation. For instance, it may be used to:
1.
Define the port configuration during system boot (in case the NVM parameters are not customized during
manufacturing)
2.
Provide a diagnostic of the Type-C connection in real time
At power-up or after a reset, the first software access to the I2C registers of the STUSB4500 can be done only
after TLOAD as shown in the figure below. TLOAD corresponds to the time required to initialize the I2C registers with
the default values from the embedded NVM. At power-up, the loading phase starts when the voltage level on the
VREG_1V2 output pin of the 1.2 V internal regulator reaches 1.08 V to release the internal POR signal. After a
reset, the loading phase starts when the signal on the RESET pin is released.
STUSB4500
Application
DS12499 - Rev 2
page 22/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com