Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 17Page - STMicroelectronics STUSB4500 Datasheet HTML 18Page - STMicroelectronics STUSB4500 Datasheet HTML 19Page - STMicroelectronics STUSB4500 Datasheet HTML 20Page - STMicroelectronics STUSB4500 Datasheet HTML 21Page - STMicroelectronics STUSB4500 Datasheet HTML 22Page - STMicroelectronics STUSB4500 Datasheet HTML 23Page - STMicroelectronics STUSB4500 Datasheet HTML 24Page - STMicroelectronics STUSB4500 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Table 17. Look-up table for sink PDO current configuration
Parameter name
Parameter value
PDO current value
Description
I_SNK_PDO_LUT[3:0]
0000b
0.01 ≤ 0.01*I_SNK_PDO_FLEX[9:0] ≤ 5 by steps of
10 mA
Default I_SNK_PDO_FLEX[9:0] = 0011001000
(0.01*200=2 A)
Flexible current value
0001b
0.50 A
Pre-defined current
values
0010b
0.75 A
0011b
1.00 A
0100b
1.25 A
0101b
1.50 A
0110b
1.75 A
0111b
2.00 A
1000b
2.25 A
1001b
2.50 A
1010b
2.75 A
1011b
3.00 A
1100b
3.50 A
1101b
4.00 A
1110b
4.50 A
1111b
5.00 A
Table 18. STUSB4500 default sink PDO programming
Sink PDO #
Type
Priority
PDO value
VBUS monitoring
Low voltage limit
VMONUSBL
VBUS monitoring
High voltage limit
VMONUSBH
PDO1
Fixed voltage
Low
5 V / 1.5 A
3.3 V (detachment)
-20 % (attachment)
+15 %
PDO2
Flexible
voltage
Medium
15 V / 1.5 A
-20 %
+10 %
PDO3
Flexible
voltage
High
20 V / 1.0 A
-20 %
+10 %
See Section 7.3 Electrical and timing characteristics for parameters related to VBUS.
STUSB4500
Default start-up configuration
DS12499 - Rev 2
page 21/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com