Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 21Page - STMicroelectronics STUSB4500 Datasheet HTML 22Page - STMicroelectronics STUSB4500 Datasheet HTML 23Page - STMicroelectronics STUSB4500 Datasheet HTML 24Page - STMicroelectronics STUSB4500 Datasheet HTML 25Page - STMicroelectronics STUSB4500 Datasheet HTML 26Page - STMicroelectronics STUSB4500 Datasheet HTML 27Page - STMicroelectronics STUSB4500 Datasheet HTML 28Page - STMicroelectronics STUSB4500 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
7
Electrical characteristics
7.1
Absolute maximum ratings
All voltages are referenced to GND.
Table 20. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage on VDD pin
28
V
VSYS
Supply voltage on VSYS pin
6
VCC1, VCC2
VCC1DB, VCC2DB
High voltage on CC pins
22
VVBUS_EN_SNK
VVBUS_VS_DISCH
VDISCH
VPOWER_OK2
High voltage on VBUS pins
28
VSCL, VSDA
VALERT
VRESET
VATTACH
VA_B_SIDE
VPOWER_OK3
VGPIO
VADDR0, VADDR1
Operating voltage on I/O pins
-0.3 to 6
TSTG
Storage temperature
-55 to 150
°C
TJ
Maximum junction temperature
145
ESD
HBM
3
kV
CDM
1.5
STUSB4500
Electrical characteristics
DS12499 - Rev 2
page 25/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com