Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 24Page - STMicroelectronics STUSB4500 Datasheet HTML 25Page - STMicroelectronics STUSB4500 Datasheet HTML 26Page - STMicroelectronics STUSB4500 Datasheet HTML 27Page - STMicroelectronics STUSB4500 Datasheet HTML 28Page - STMicroelectronics STUSB4500 Datasheet HTML 29Page - STMicroelectronics STUSB4500 Datasheet HTML 30Page - STMicroelectronics STUSB4500 Datasheet HTML 31Page - STMicroelectronics STUSB4500 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VMONUSBH
VBUS monitoring high
voltage limit
VBUS can be 5 VUSB Type-C voltage or
any PDO voltage,
VBUS+5% is nominal high voltage limit,
Shift coefficient VSHUSBH is
programmable by NVM from 1% to
15% of VBUS by step of 1%,
Default
VSHUSBH1 = 10%, VMONUSBH1 = VBUS
+15% (5 V USB Type-C or PDO1),
VSHUSBH2/3 = 5%, VMONUSBH2/3 =
VBUS+10% (PDO2 or PDO3)
VBUS+5%
+VSHUSBH
V
VMONUSBL
VBUS monitoring low
voltage limit
VBUS can be 5 VUSB Type-C voltage or
any PDO voltage,
VBUS-5% is nominal low voltage limit,
Shift coefficient VSHUSBL is
programmable by NVM from 1% to
15% of VBUS by step of 1%,
Default
VSHUSBL1/2/3 = 15%, VMONUSBL1/2/3 =
VBUS-20% (5 V USB Type-C or any
PDO)
VBUS-5%
-VSHUSBL
V
DISCH pin driving
IDISPWR
Power system
discharge current
Through external resistor connected to
DISCH pin
500
mA
Digital input/output (SCL, SDA, ALERT, RESET, ATTACH, A_B_SIDE, POWER_OK3, GPIO, ADDR0, ADDR1)
VIH
High level input
voltage
1.2
V
VIL
Low level input
voltage
0.35
V
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
20 V open drain outputs (VBUS_EN_SNK, DISCH, POWER_OK2)
VOL
Low level output
voltage
Ioh = 3 mA
0.4
V
STUSB4500
Electrical and timing characteristics
DS12499 - Rev 2
page 28/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com