Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 2 Page - STMicroelectronics

  STUSB4500 Datasheet HTML 1Page - STMicroelectronics STUSB4500 Datasheet HTML 2Page - STMicroelectronics STUSB4500 Datasheet HTML 3Page - STMicroelectronics STUSB4500 Datasheet HTML 4Page - STMicroelectronics STUSB4500 Datasheet HTML 5Page - STMicroelectronics STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
1
Functional description
The STUSB4500 is a USB Type-C™ and power delivery controller IC for sink applications. It is able to negotiate a
power delivery contract with a source without MCU support (auto-run mode). It relies on proprietary algorithms
and configurable PDO (power data objects) thanks to an integrated non-volatile memory. It supports dead battery
mode to allow a system to be powered from an external source directly. Combined with its capability to negotiate
directly a power contract, the STUSB4500 is the ideal controller device for autonomous systems requiring high
power charging profile to be fully operational.
The STUSB4500 major role is to:
1.
Detect the connection between two USB Type-C ports (attach detection)
2.
Establish a valid source-to-sink connection
3.
Determine the attached device mode: source or debug accessory
4.
Resolve cable orientation and twist connections to establish USB data routing (MUX control)
5.
Negotiate a USB power delivery (PD) contract with a PD capable source device
6.
Configure the incoming VBUS power path and the charging paths accordingly
7.
Monitor the VBUS power path and manage the VBUS voltage transitions
8.
Handle the high voltage protections
The STUSB4500 also provides:
Dead battery mode
PDO (power data object) customization through NVM
Internal and/or external VBUS discharge paths
Dual high power charging path support
Debug accessory mode detection
Customization of the device configuration through NVM to support specific applications
1.1
Block overview
Figure 1. Functional block diagram
GND
SCL
SDA
CC2
CC1
VDD
Physical
Layer
POR
VBUS_VS_DISCH
voltage
monitoring
VBUS_EN_SNK
ADDR[1..0]
Policy
Engine
DISCH
CC1DB
CC2DB
RESET
ALERT
CC
line
access
ATTACH
POWER_OK2
GPIO
VSYS
A_B_SIDE
Protocol
Layer
Device
Policy
Manager
Port status
VBUS status
Internal
supply
I²C
slave
Control
Port C
controller
POWER_OK3
STUSB4500
Functional description
DS12499 - Rev 2
page 2/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com